Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC75S58F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC75S58F
Description  Single Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S58F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC75S58F Datasheet HTML 1Page - Toshiba Semiconductor TC75S58F Datasheet HTML 2Page - Toshiba Semiconductor TC75S58F Datasheet HTML 3Page - Toshiba Semiconductor TC75S58F Datasheet HTML 4Page - Toshiba Semiconductor TC75S58F Datasheet HTML 5Page - Toshiba Semiconductor TC75S58F Datasheet HTML 6Page - Toshiba Semiconductor TC75S58F Datasheet HTML 7Page - Toshiba Semiconductor TC75S58F Datasheet HTML 8Page - Toshiba Semiconductor TC75S58F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC75S58F/FU/FE
2007-11-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VDD, VSS
±3.5 or 7
V
Differential input voltage
DVIN
±7
V
Input voltage
VIN
VSS~VDD
V
Output current
IO
±35
mA
TC75S58F/FU
200
Power dissipation
TC75S58FE
PD
100
mW
Operating temperature
Topr
−40~85
°C
Storage temperature
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note: This device’s CMOS structure makes it prone to latch-up. To prevent latch-up, please take the following
precautions:
• Ensure that no I/O pin’s voltage level ever exceeds VDD or drops below VSS.
In addition, check the power-on timing.
• Do not subject the device to excessive noise.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com