Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CX-E-240-D-5-R Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # CX-E-240-D-5-R
Description  PCB MOUNT SOLID STATE RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CX-E-240-D-5-R Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  CX-E-240-D-5-R Datasheet HTML 1Page - Sensata Technologies, Inc. CX-E-240-D-5-R Datasheet HTML 2Page - Sensata Technologies, Inc. CX-E-240-D-5-R Datasheet HTML 3Page - Sensata Technologies, Inc. CX-E-240-D-5-R Datasheet HTML 4Page - Sensata Technologies, Inc. CX-E-240-D-5-R Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
www.sensata.com
Copyright © 2023 Sensata Technologies, Inc.
Input (1)
General (1)
Description
Parameters
Dielectric Strength, Input/Output (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500
VDC)
109 Ohm
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-10°C to 80°C
Ambient Storage Temperature Range
-10°C to 125°C
Weight (typical)
0.4 oz (11g)
Encapsulation
Thermally Conductive Epoxy
Enclosure and PCB
Meets the requirements of IEC60335-1
SPECIFICATIONS
Output (1)
Description
CX240x5
CX380x5
CX480x5
Operating Voltage (47-63Hz) [Vrms]
12-280
48-530
48-660
Transient Overvoltage [Vpk]
600
1200
1200
Maximum Off-State Leakage Current @
Rated Voltage [mA
rms]
0.1
0.1
0.1
Minimum Off-State dv/dt @ Maximum
Rated Voltage [V/μsec] 2
500
500
500
Maximum Load Current [A
rms]
5
5
5
Minimum Load Current [A
rms]
0.06
0.06
0.06
Maximum Surge Current (16.6msec) [Apk]
250
250
250
Maximum On-State Voltage Drop @ Rated
Current [Vpk]
1.4
1.4
1.4
Maximum I² t for Fusing (8.3msec) [A² sec]
260
260
260
Minimum Power Factor (at Maximum load)
0.5
0.5
0.5
HP rating UL 508/IEC60947[HP/KW]: 240VAC
0.25/0.18
0.25/0.18
0.25/0.18
HP rating UL 508/IEC60947[HP/KW]: 380VAC
NA
0.33/0.25
0.33/0.25
HP rating UL 508/IEC60947[HP/KW]: 480VAC
NA
NA
0.5/0.37
Description
CX240Dx
CX380/480Dx
CXExxxDx
CX240A5
CXE240A5
Nominal Voltage
5 VDC
5 VDC
24 VDC
120 VAC
24 VAC
Control Voltage Range
3-15 VDC
4-15 VDC
15-32 VDC
90-140 VAC
18-36 VAC
Minimum Turn-On Voltage
3.0 VDC
4.0 VDC
15.0 VDC
90.0 Vrms
18.0 Vrms
Drop Out Voltage
1.0 VDC
1.0 VDC
1.0 VDC
10.0 Vrms
2.0 Vrms
Typical Input Current
15 mAdc
15 mAdc
15 mAdc
10mArms
10mArms
Nominal Input Impedance
300 Ohm
240 Ohm
1500 Ohm
14.1K Ohm
2.1K Ohm
Maximum Turn-On Time [msec] 3
1/2 Cycle
1/2 Cycle
1/2 Cycle
10
10
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle
1/2 Cycle
40
40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com