Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3953A Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button AS3953A_V01 Datasheet HTML 26Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 27Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 28Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 29Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 30Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 31Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 32Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 33Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
ams Datasheet
Page 29
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
EEPROM
The AS3953A contains an EEPROM block which can be accessed
from both RFID and SPI interface. EEPROM contains 1024 bits
(128 bytes) organized in 32 words of 32 bits. Words in EEPROM
are number from 0 to 31(1F[hex]). Bits in a word are numbered
from 0 to 31.
Most of the EEPROM is used to store user data (27 words – 864
bits), five words are used to store some housekeeping
information (part of the AS3953A UID, configuration bits which
define the AS3953A operating options, lock bits, which control
the possibility to write EEPROM words).
Figure 35:
EEPROM Organization
Access properties:
RO: Read only, writing to this word is not possible
RW: Reading and writing to this word is possible, writing is
disabled once the lock bit is set
OTP: One time programmable. A bit of this word once set to ‘1’
cannot be set back to ‘0’.
UID Word
The UID word contains four LSB bytes of 7 byte UID which is
used during anti-collision and selection process. Every IC is
programmed by a unique number during fabrication process at
ams. For details on UID, please refer to Coding of UID .
Fabrication Data Word
This word stores some IC manufacturer data which is
programmed and locked during fabrication process at ams.
Word Address
[hex]
Content
Access
Properties
0UID
RO
1Fabrication Data
RO
2
Configuration Word
RW
3Write Lock Word
OTP
4
Read Lock Word
OTP
5: 1F
User Data
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com