Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KWCWLNM3.TK Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # KWCWLNM3.TK
Description  OSLON™ Compact PL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KWCWLNM3.TK Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button KWCWLNM3.TK Datasheet HTML 3Page - ams-OSRAM AG KWCWLNM3.TK Datasheet HTML 4Page - ams-OSRAM AG KWCWLNM3.TK Datasheet HTML 5Page - ams-OSRAM AG KWCWLNM3.TK Datasheet HTML 6Page - ams-OSRAM AG KWCWLNM3.TK Datasheet HTML 7Page - ams-OSRAM AG KWCWLNM3.TK Datasheet HTML 8Page - ams-OSRAM AG KWCWLNM3.TK Datasheet HTML 9Page - ams-OSRAM AG KWCWLNM3.TK Datasheet HTML 10Page - ams-OSRAM AG KWCWLNM3.TK Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
KW CWLNM3.TK
DATASHEET
DATASHEET
7 | Version 1.5 | 2025-05-14
Chromaticity Coordinate Groups
&[
&[
&\
&\
400-
380nm
500nm
550nm
600 nm
700 -
750nm
7M0
6M0
5M0
4M0
7L0
6L0
5L0
4L0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com