Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE58JD32LPZAV.B Datasheet(PDF) 3 Page - Texas Instruments

Part # AFE58JD32LPZAV.B
Description  AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/√Hz, 12- Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE58JD32LPZAV.B Datasheet(HTML) 3 Page - Texas Instruments

  AFE58JD32LPZAV.B Datasheet HTML 1Page - Texas Instruments AFE58JD32LPZAV.B Datasheet HTML 2Page - Texas Instruments AFE58JD32LPZAV.B Datasheet HTML 3Page - Texas Instruments AFE58JD32LPZAV.B Datasheet HTML 4Page - Texas Instruments AFE58JD32LPZAV.B Datasheet HTML 5Page - Texas Instruments AFE58JD32LPZAV.B Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
AFE58JD32LP
www.ti.com
SBASA47 – MARCH 2020
Product Folder Links: AFE58JD32LP
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
5 Device and Documentation Support
5.1 Documentation Support
5.1.1 Related Documentation
For related documentation see the following:
•
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/√Hz Noise, 14-
Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
•
ADS8413 16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
•
ADS8472
16-BIT,
1-MSPS,
PSEUDO-BIPOLAR,
FULLY
DIFFERENTIAL
INPUT,
MICROPOWER
SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
•
CDCE72010 Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
•
CDCM7005 3.3-V High Performance Clock Synchronizer and Jitter Cleaner
•
ISO724x High-Speed, Quad-Channel Digital Isolators
•
LMK0480x Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
•
OPA1632 High-Performance, Fully-Differential Audio Operational Amplifier
•
OPA2x11 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifier
•
SN74AUP1T04 LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE INVERTER GATE
•
THS413x High-Speed, Low-Noise, Fully-Differential I/O Amplifiers
•
MicroStar BGA Packaging Reference Guide
5.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
5.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
5.4 Trademarks
E2E is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
5.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
5.6 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
6 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com