Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS9803GP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS9803GP
Description  Infrared Induction Control IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS9803GP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS9803GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CS9803GP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS9803
Infrared Induction Control IC
Vol: 2004-01
2004-12-28
1/2
Semic●
General Description
The CS9803 is a passive infra-red controller, using analog mixing digital design technique and manufactures by
CMOS process which can either driver TRIAC or RELAY depending on user’s choice.
With special noise immunity technique, CS9803 is the most stable passive infrared controller you can find on the
market. More than this, there are few components needed in its application circuit which can reduce material cost and
increase competitive.
Features
Operating voltage: 4.5V~5.5V (DC)
Operating current≤1mA
CDS input
Pulse output for TRIAC drive or level output for relay drive
Built-in 2-stage operational amplifier
Adjustable output on time duration
On –chip regulator for PIR sensor
Zero-crossing triggering
Application:
Home security system
Auto light system for garden, garage, hallway, staircase, porch, bathroom, etc.
Auto switch for ventilation fan
Auto notice system for office, storage, etc.
Package: DIP16
Absolute Maximum Ratings
Supply Voltage:..............................................................................................................................................-0.3~6.0V
Operating Temperature:...............................................................................................................................-25~+70℃
Input Voltage:................................................................................................................................-0.5~(VDD+0.5)V
Storage Temperature:................................................................................................................................-55~+150℃
Power Dissipation:.............................................................................................................................................. 500mW
Pin Description
No.
Pin Name
I/O
Function Description
1
UOU1
O
First stage OP amp output
2
NII1
I
First stage OP amp positive input
3
II1
I
First stage OP amp negative input
4
VREF
O
Stable reference voltage
5
GND
P
System ground
6
TB
I
System clock
7
QTEST
I
Test only
8
TCI
I
To set up the timing of how long Triac or relay is active
9
CDS
I
Detect CDS
10
TRIAC
O
TRIAC output
11
RELAY
O
RELAY output
12
ZCD
I
Detect zero cross
13
VDD
P
Power ground
14
II2
I
Second stage OP amp negative input
15
NII2
I
Second stage OP amp positive input
16
UOU2
O
Second stage OP amp output
PDF Page Organizer - Foxit Software


Similar Part No. - CS9803GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS9803GP ETC-CS9803GP Datasheet
131Kb / 3P
CS9803GP
More results

Similar Description - CS9803GP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2266 PTC-PT2266 Datasheet
33Kb / 3P
Infrared Remote Control Transmitter IC
logo
Sanyo Semicon Device
LC7461M SANYO-LC7461M Datasheet
107Kb / 7P
Infrared Remote Control Transmitter IC
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
Infrared Remote Control Transmitter IC
logo
Princeton Technology Co...
PT2215 PTC-PT2215 Datasheet
448Kb / 16P
Infrared Remote Control Transmitter IC
logo
SHENZHEN FUMAN ELECTRON...
FM6122S-61T FUMAN-FM6122S-61T Datasheet
113Kb / 5P
16Pin infrared remote control IC
FM6122S-63T FUMAN-FM6122S-63T Datasheet
97Kb / 5P
16Pin infrared remote control IC
SC5104C FUMAN-SC5104C Datasheet
224Kb / 7P
Infrared fan control IC
SC5104S FUMAN-SC5104S Datasheet
268Kb / 7P
Infrared fan control IC
SC50462T FUMAN-SC50462T Datasheet
255Kb / 4P
16Pin infrared remote control IC
TC6221 FUMAN-TC6221 Datasheet
526Kb / 10P
Infrared remote control transmitter IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com