Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9178GTL+T Datasheet(PDF) 67 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 67 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 63Page - Analog Devices ADE9178GTL+T Datasheet HTML 64Page - Analog Devices ADE9178GTL+T Datasheet HTML 65Page - Analog Devices ADE9178GTL+T Datasheet HTML 66Page - Analog Devices ADE9178GTL+T Datasheet HTML 67Page - Analog Devices ADE9178GTL+T Datasheet HTML 68Page - Analog Devices ADE9178GTL+T Datasheet HTML 69Page - Analog Devices ADE9178GTL+T Datasheet HTML 70Page - Analog Devices ADE9178GTL+T Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
Data Sheet
ADE9178
REGISTER SUMMARY: ADE9178
analog.com
Rev. A | 67 of 122
Table 33. ADE9178 Register Summary (Continued)
Address
Name
Description
Reset
Access
0x207
AIRMS
Phase A Filter Based Current RMS.
0x00000000
R
0x208
AIRMSHALF
Phase A Current Channel Half-Cycle RMS.
0x00000000
R
0x209
AIRMSONE
Phase A Current Channel One-Cycle RMS.
0x00000000
R
0x20A
AIDIPHALF
Phase A Current Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x20B
AIDIPONE
Phase A Current Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x20C
AISWELLHALF
Phase A Current Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x20D
AISWELLONE
Phase A Current Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x20E
BVRMS
Phase B Filter Based Voltage RMS.
0x00000000
R
0x20F
BVRMSHALF
Phase B Voltage Channel Half-Cycle RMS.
0x00000000
R
0x210
BVRMSONE
Phase B Voltage Channel One-Cycle RMS.
0x00000000
R
0x211
BVDIPHALF
Phase B Voltage Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x212
BVDIPONE
Phase B Voltage Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x213
BVSWELLHALF
Phase B Voltage Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x214
BVSWELLONE
Phase B Voltage Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x215
BIRMS
Phase B Filter Based Current RMS.
0x00000000
R
0x216
BIRMSHALF
Phase B Current Channel Half Cycle RMS.
0x00000000
R
0x217
BIRMSONE
Phase B Current Channel One Cycle RMS.
0x00000000
R
0x218
BIDIPHALF
Phase B Current Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x219
BIDIPONE
Phase B Current Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x21A
BISWELLHALF
Phase B Current Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x21B
BISWELLONE
Phase B Current Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x21C
CVRMS
Phase C Filter Based Voltage RMS.
0x00000000
R
0x21D
CVRMSHALF
Phase C Voltage Channel Half-Cycle RMS.
0x00000000
R
0x21E
CVRMSONE
Phase C Voltage Channel One-Cycle RMS.
0x00000000
R
0x21F
CVDIPHALF
Phase C Voltage Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x220
CVDIPONE
Phase C Voltage Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x221
CVSWELLHALF
Phase C Voltage Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x222
CVSWELLONE
Phase C Voltage Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x223
CIRMS
Phase C Filter Based Current RMS.
0x00000000
R
0x224
CIRMSHALF
Phase C Current Channel Half-Cycle RMS.
0x00000000
R
0x225
CIRMSONE
Phase C Current Channel One-Cycle RMS.
0x00000000
R
0x226
CIDIPHALF
Phase C Current Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x227
CIDIPONE
Phase C Current Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x228
CISWELLHALF
Phase C Current Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x229
CISWELLONE
Phase C Current Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x22A
AUX0RMS
Auxiliary 0 Filter Based RMS.
0x00000000
R
0x22B
AUX0RMSHALF
Auxiliary 0 Channel Half-Cycle RMS.
0x00000000
R
0x22C
AUX0RMSONE
Auxiliary 0 Channel One-Cycle RMS.
0x00000000
R
0x22D
AUX0DIPHALF
Auxiliary 0 Channel Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x22E
AUX0DIPONE
Auxiliary 0 Channel Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x22F
AUX0SWELLHALF
Auxiliary 0 Channel Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x230
AUX0SWELLONE
Auxiliary 0 Channel Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x231
AUX1RMS
Auxiliary 1 Channel Filter Based RMS.
0x00000000
R
0x232
AUX1RMSHALF
Auxiliary 1 Channel Half-Cycle RMS.
0x00000000
R
0x233
AUX1RMSONE
Auxiliary 1 Channel One-Cycle RMS.
0x00000000
R
0x234
AUX1DIPHALF
Auxiliary 1 Channel Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x235
AUX1DIPONE
Auxiliary 1 Channel Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com