Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGA6 Datasheet(PDF) 13 Page - TDK Electronics

Part # CGA6
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA6 Datasheet(HTML) 13 Page - TDK Electronics

Back Button CGA6 Datasheet HTML 9Page - TDK Electronics CGA6 Datasheet HTML 10Page - TDK Electronics CGA6 Datasheet HTML 11Page - TDK Electronics CGA6 Datasheet HTML 12Page - TDK Electronics CGA6 Datasheet HTML 13Page - TDK Electronics CGA6 Datasheet HTML 14Page - TDK Electronics CGA6 Datasheet HTML 15Page - TDK Electronics CGA6 Datasheet HTML 16Page - TDK Electronics CGA6 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
(13/19)
20210823 / mlcc_automotive_soft_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X7R (–55 to +125°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 2kV
Rated voltage Edc: 630V Rated voltage Edc: 250V Rated voltage Edc: 100V
Rated voltage Edc: 50V
1nF
1005
0.50+0.10,-0.05
±10%
CGA2B2X7R1H102K050BE
±20%
CGA2B2X7R1H102M050BE
1608
0.80 +0.15,-0.10
±10%
CGA3E2X7R2A102K080AE
CGA3E2X7R1H102K080AE
±20%
CGA3E2X7R2A102M080AE CGA3E2X7R1H102M080AE
2012
0.85±0.15
±10%
CGA4F3X7R2E102K085AE
CGA4F2X7R2A102K085AE
±20%
CGA4F3X7R2E102M085AE
CGA4F2X7R2A102M085AE
3216
1.15±0.15
±10%
CGA5H4X7R2J102K115AE
±20%
CGA5H4X7R2J102M115AE
4520
1.30±0.20
±10%
CGA7K1X7R3D102K130KE
±20%
CGA7K1X7R3D102M130KE
2.2nF
1005
0.50+0.10,-0.05
±10%
CGA2B2X7R1H222K050BE
±20%
CGA2B2X7R1H222M050BE
1608
0.80+0.15,-0.10
±10%
CGA3E2X7R2A222K080AE
CGA3E2X7R1H222K080AE
±20%
CGA3E2X7R2A222M080AE CGA3E2X7R1H222M080AE
2012
0.85±0.15
±10%
CGA4F3X7R2E222K085AE
CGA4F2X7R2A222K085AE
±20%
CGA4F3X7R2E222M085AE
CGA4F2X7R2A222M085AE
3216
1.15±0.15
±10%
CGA5H4X7R2J222K115AE
±20%
CGA5H4X7R2J222M115AE
4532
1.30±0.20
±10%
CGA8K1X7R3D222K130KE
±20%
CGA8K1X7R3D222M130KE
3.3nF
3216
1.15±0.15
±10%
CGA5H4X7R2J332K115AE
±20%
CGA5H4X7R2J332M115AE
4.7nF
1005
0.50+0.10,-0.05
±10%
CGA2B2X7R1H472K050BE
±20%
CGA2B2X7R1H472M050BE
1608
0.80+0.15,-0.10
±10%
CGA3E2X7R2A472K080AE
CGA3E2X7R1H472K080AE
±20%
CGA3E2X7R2A472M080AE CGA3E2X7R1H472M080AE
2012
0.85±0.15
±10%
CGA4F3X7R2E472K085AE
CGA4F2X7R2A472K085AE
±20%
CGA4F3X7R2E472M085AE
CGA4F2X7R2A472M085AE
3216
1.15±0.15
±10%
CGA5H4X7R2J472K115AE
±20%
CGA5H4X7R2J472M115AE
10nF
1005
0.50+0.10,-0.05
±10%
CGA2B3X7R1H103K050BE
±20%
CGA2B3X7R1H103M050BE
1608
0.80 +0.15,-0.10
±10%
CGA3E2X7R2A103K080AE
CGA3E2X7R1H103K080AE
±20%
CGA3E2X7R2A103M080AE CGA3E2X7R1H103M080AE
2012
0.85±0.15
±10%
CGA4F2X7R2A103K085AE
±20%
CGA4F2X7R2A103M085AE
1.25 +0.25,-0.20
±10%
CGA4J3X7R2E103K125AE
±20%
CGA4J3X7R2E103M125AE
3216
1.15±0.15
±10%
CGA5H4X7R2J103K115AE
±20%
CGA5H4X7R2J103M115AE
22nF
1005
0.50+0.10,-0.05
±10%
CGA2B3X7R1H223K050BE
±20%
CGA2B3X7R1H223M050BE
1608
0.80+0.15,-0.10
±10%
CGA3E2X7R2A223K080AE
CGA3E2X7R1H223K080AE
±20%
CGA3E2X7R2A223M080AE CGA3E2X7R1H223M080AE
2012
1.25 +0.25,-0.20
±10%
CGA4J3X7R2E223K125AE
CGA4J2X7R2A223K125AE
±20%
CGA4J3X7R2E223M125AE
CGA4J2X7R2A223M125AE
3216
1.15±0.15
±10%
CGA5H3X7R2E223K115AE
±20%
CGA5H3X7R2E223M115AE
1.30±0.20
±10%
CGA5K4X7R2J223K130AE
±20%
CGA5K4X7R2J223M130AE
33nF
3216
1.60+0.30,-0.20
±10%
CGA5L4X7R2J333K160AE
±20%
CGA5L4X7R2J333M160AE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com