Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

53TP Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 53TP
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

53TP Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  53TP_V01 Datasheet HTML 1Page - Sensata Technologies, Inc. 53TP_V01 Datasheet HTML 2Page - Sensata Technologies, Inc. 53TP_V01 Datasheet HTML 3Page - Sensata Technologies, Inc. 53TP_V01 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2024 Sensata Technologies, Inc.
Description
D53
B53
C53
C53
Control Voltage Range
4-32 VDC
90-140 VAC
180-260 VAC
18-36 VAC
Minimum Turn-On Voltage
4.0 VDC
90 VAC
180 VAC
18 VAC
Minimum Turn-Off Voltage
1.0 VDC
10 VAC
10 VAC
2 VAC
Minimum Input Current (for on-state)
24 mA
7 mA
7 mA
15 mA
Maximum Input Current
35 mA
16 mA
20 mA
20 mA
Nominal Input Impedance
Current Regulated
Current Regulated
Current Regulated
Current Regulated
Maximum Turn-On Time [msec] (5)
8.33
20
20
20
Maximum Turn-Off Time [msec]
8.33
30
30
30
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60 Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40ºC to 80ºC
Ambient Storage Temperature Range
-40ºC to 125ºC
Weight (typical)
13.1 oz (370g)
Encapsulation
NA
Terminals
Hardware Furnished, mounted
Screws and Saddle clamps
Zinc plated Steel
Input Terminal Screw Torque Range: [lb-in/Nm]
8-10 / 0.9-1.1
Output Terminal Screw Torque Range: [lb-in/Nm]
15-20 / 1.7-2.2
THERMAL DERATE INFORMATION
Input (1)
General (1)
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
DataSheet
AGENCY APPROVALS
Rev. 062316
Panel Mount
THERMAL DERATE INFORMATION
53TP IP20 25A
DERATE CURVES:
20
25
10
15
5
30
20
40
50
60
70
80
0
Ambient Temperature [°C]
Agency Approvals
Designed in accordance with the requirements of IEC 62314
EN60950 : Meets the requirements of sections1.5: 1,7: 2.9: 2.10.5.3: 4.2: 4.5: 4.7:
IEC 62314
IEC 60068-2-6 35mm / 10-55Hz
IEC 60068-2-27 15G / 11ms
IEC 1000-4-2 : Electrostatic Discharge – Level 3
IEC 1000-4-3 : Radiated Electromagnetic Noise – Level 3
IEC 1000-4-4 : Electrically Fast Transients – Level 3
IEC 1000-4-5 : Electrical Surges – Level 3
IEC 1000-4-6 : Conducted Electromagnetic Noise – Level 3
E79183
2.0˚C/W
1.5˚C/W
1.0˚C/W
0.7˚C/W
0.5˚C/W
53TP IP20 50A
DERATE CURVES:
40
50
20
30
10
30
20
40
50
60
70
80
0
Ambient Temperature [°C]
1.5˚C/W
1.0˚C/W
0.7˚C/W
0.5˚C/W
0.2˚C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com