Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

040-3010 Datasheet(PDF) 12 Page - Elma Electronic Ltd

Part # 040-3010
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-3010 Datasheet(HTML) 12 Page - Elma Electronic Ltd

Back Button 040-3010 Datasheet HTML 7Page - Elma Electronic Ltd 040-3010 Datasheet HTML 8Page - Elma Electronic Ltd 040-3010 Datasheet HTML 9Page - Elma Electronic Ltd 040-3010 Datasheet HTML 10Page - Elma Electronic Ltd 040-3010 Datasheet HTML 11Page - Elma Electronic Ltd 040-3010 Datasheet HTML 12Page - Elma Electronic Ltd 040-3010 Datasheet HTML 13Page - Elma Electronic Ltd 040-3010 Datasheet HTML 14Page - Elma Electronic Ltd 040-3010 Datasheet HTML 15Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
45
Surface
grey
black
red
glossy
041-7110
041-7120
041-7130
Marking
d
ø
grey: glossy
black: glossy
4,05
6
020-8410
020-8420
packing unit: 50 pieces
15.5
8.5
24.5
Knob
ø 39.5
ø 33.5
ø39
Cap
packing unit: 100 pieces
ø45
1.1
Pointer
packing unit: 100 pieces
ø23
ø63
ø63
7.5
ø 13.7
ø2
ø 10.2
Marking
Marking
ø 63 mm
042-7000
042-7100
042-7200
042-7700
042-7800
042-7802
Pointer dial
Stator
Marking
Surface
grey
black
glossy
042-7910
042-7920
packing unit: 100 pieces
Figure dial (same dimension as pointer dial)
packing unit: 100 pieces
with line, grey: glossy
30° black: glossy
043-7110
043-7220
packing unit: 100 pieces
Marking
30
°
0–11
0
1
11
30
°
1–12
1
2
12
27,7
°
1–13
1
2
13
–
–
Knob ø 45 mm
packing unit: 40 pieces
40
15.5
8.5
24.5
Crank Knob
–
–
Marking
Surface
grey
black
red
glossy
040-8010
040-8020
040-8030
without line
Marking
d
ø
grey: glossy
black: glossy
4,05
6
020-7410
020-7420
3,2
1/4"
020-7510
020-7520
4,05
6
021-7410
021-7420
3,2
1/4"
021-7510
021-7520
without line
with line
without line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com