Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC9329AFAG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC9329AFAG
Description  Portable Audio DTS Controller (DTS-21)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9329AFAG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC9329AFAG Datasheet HTML 5Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 6Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 7Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 8Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 9Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 10Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 11Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 12Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
TC9329AFAG/AFCG
2006-03-02
9
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
38
OSCin
local oscillation
signal input
For FM input, mode can be switched
between 1/2
+ Pulse Swallow VHF and
FM mode. For AM input, mode can be
switched between Pulse Swallow (HF)
and Direct Dividing (LF) mode.
Normally, local oscillation output
(Voltage-Controlled Oscillator: VCO
output) of 80 to 230 MHz is input in
VHF mode; 60 to 130 MHz in FM mode;
1 to 30 MHz in HF mode; 0.5 to 8 MHz
in LF mode.
A PLL can be configured using an
external prescaler. In such a case, set
the pin to LF, and connect the prescaler
divider output to the OSCin input pin
and the PSC input to the P2-3 (PSC)
output pin.
With an input amp incorporated,
capacitive-coupling, small-amplitude
operation is supported.
Note: The input is at high impedance in
PLL Off mode.
40
DO/OT
Phase comparator
output/output port
PLL phase comparator output pins.
Tristate output. When the program
counter divider output is higher than the
reference frequency, H level is output;
when lower, L level; and when they
match, high impedance. For the phase
comparator power supply, a 1.5-V
constant voltage supply (Vreg pin) is
used. Even if the power supply voltage
drops, a stable PLL can be configured.
The DO/OT pin can be programmed to
high impedance or as an output port
(OT).
Note: For tristate output, the H-level
output uses a constant voltage
supply. When H-level output
current is required, Toshiba
recommend using an external
power supply.
41
Vreg
Phase comparator
constant voltage
supply
Phase comparator constant voltage
supply.
When the phase comparator output is
tristate output, a constant voltage
supply of 1.5 V (typ.) is output to the
pin. For this output, connect a
stabilizing capacitor (0.47
µF typ.).
Constant voltage On/Off can be
programmed.
Because half the voltage potential can
be switched to AD converter A/D input,
it can be used to detect how much
battery remains.
At PLL operation, the constant voltage
is used for H level phase comparator
output. Thus, when H level output
current is required, Toshiba
recommend using an external power
supply. Externally apply 1.8 to 3.6 V to
the pin.
54
RESET
Reset input
Input pin for system reset signals.
RESET takes place at low level; at
high level, the program starts from
address “0”.
Vreg
VDD
RfIN1
Vreg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com