Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70001SEHVF Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL70001SEHVF
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEHVF Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL70001SEHVF Datasheet HTML 16Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 17Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 18Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 19Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 20Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 21Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 22Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 23Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 23 of 23
Feb 5, 2024
For the most recent package outline drawing, see R48.B.
R48.B
48 Ceramic Quad Flatpack Package (CQFP) with Bottom Heatsink
Rev 0, 10/12
1.080 (27.43)
0.555 (14.10)
INDEX AREA
PIN 1
1.118 (28.40)
0.572 (14.53)
0.253 (6.43)
0.287 (7.29)
1.118 (28.40)
1.080 (27.43)
0.040 (1.016) BSC
0.012 (0.30)
0.008 (0.20)
0.572 (14.53)
0.555 (14.10)
#48
#1
TOP VIEW
0.013 (0.33)
0.131 (3.33)
0.042 (1.067) REF
SIDE VIEW
0.009 (0.23)
0.105 (2.67)
HEATSINK
0.026 (0.66) MIN. 2
PIN 1
INDEX AREA
BOTTOM VIEW
#1 #48
0.359 (9.12)
HEATSINK
0.349 (8.87)
0.349 (8.87)
0.359 (9.12)
NOTES:
1. All dimensions are in inches (millimeters)
2. Dimension shall be measured at point of exit
(beyond the meniscus) of the lead from the body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com