Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70001SEHVFE Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL70001SEHVFE
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEHVFE Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL70001SEHVFE Datasheet HTML 10Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 11Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 12Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 13Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 14Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 15Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 16Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 17Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 14 of 23
Feb 5, 2024
Soft-Start
Once the POR and enable circuits are satisfied, the regulator
initiates a soft-start. Figure 10 shows that the soft-start circuit
clamps the error amplifier reference voltage to the voltage on an
external soft-start capacitor connected to the SS pin.
The soft-start capacitor is charged by an internal ISS current
source. As the soft-start capacitor is charged, the output voltage
slowly ramps to the set point determined by the reference
voltage and the feedback network. Once the voltage on the SS
pin is equal to the internal reference voltage, the soft-start
interval is complete. The controlled ramp of the output voltage
reduces the inrush current during start-up. The soft-start output
ramp interval is defined in Equation 6 and is adjustable from
approximately 2ms to 200ms. The value of the soft-start
capacitor, CSS, should range from 8.2nF to 8.2µF, inclusive. The
peak inrush current can be computed from Equation 7. The
soft-start interval should be long enough to ensure that the peak
in-rush current plus the peak output load current does not exceed
the overcurrent trip level of the regulator.
The soft-start capacitor is immediately discharged by a 2.2Ω
resistor whenever POR conditions are not met or EN is pulled low.
The soft-start discharge time is equal to 256 clock cycles.
Power-Good
The power-good (PGOOD) pin is an open-drain logic output that
indicates when the output voltage of the regulator is within
regulation limits. The power-good pin pulls low during shutdown
and remains low when the controller is enabled. After a
successful soft-start, the PGOOD pin releases and the voltage
rises with an external pull-up resistor. The power-good signal
transitions low immediately when the EN pin is pulled low.
The power-good circuitry monitors the FB pin and compares it to
the rising and falling thresholds shown in the “Electrical
Specifications” table on page 11. If the feedback voltage
exceeds the typical rising limit of 111% of the reference voltage,
the PGOOD pin pulls low. The PGOOD pin continues to pull low
until the feedback voltage falls to a typical of 107.5% of the
reference voltage. If the feedback voltage drops below a typical
of 89% of the reference voltage, the PGOOD pin pulls low. The
PGOOD pin continues to pull low until the feedback voltage rises
to a typical 92.5% of the reference voltage. The PGOOD pin then
releases and signals the return of the output voltage to within the
power-good window.
The PGOOD pin can be pulled up to any voltage from 0V to 5.5V,
independently from the supply voltage. The pull-up resistor
should have a nominal value from 1kΩ to 10kΩ. The PGOOD pin
should be bypassed to DGND, with a 10nF ceramic capacitor to
mitigate SEE.
Fault Monitoring and Protection
The ISL70001SEH, ISL70001SRH actively monitor output voltage
and current to detect fault conditions. Fault conditions trigger
protective measures to prevent damage to the regulator and
external load device.
Undervoltage Protection
A hysteretic comparator monitors the FB pin of the regulator. The
feedback voltage is compared to an undervoltage threshold that
is a fixed percentage of the reference voltage. Once the
comparator trips, indicating a valid undervoltage condition, a
3-bit undervoltage counter increments. The counter is reset if the
feedback voltage rises back above the undervoltage threshold,
plus a specified amount of hysteresis outlined in the “Electrical
Specifications” table on page 11. If the 3-bit counter overflows,
the undervoltage protection logic shuts down the regulator.
After the regulator shuts down, it enters a delay interval
equivalent to the soft-start interval, which allows the device to
cool. The undervoltage counter is reset when the device enters
the delay interval. The protection logic initiates a normal
soft-start once the delay interval ends. If the output successfully
soft-starts, the power-good signal goes high, and normal
operation continues. If undervoltage conditions continue to exist
during the soft-start interval, the undervoltage counter must
overflow before the regulator shuts down again. This hiccup
mode continues indefinitely until the output soft-starts
successfully.
Overcurrent Protection
A pilot device integrated into the PMOS transistor of Power Block 4
samples current each cycle. This current feedback is scaled and
compared to an overcurrent threshold based on the number of
power blocks connected. Each additional power block connected
beyond Power Block 4 increases the overcurrent limit by 2A. For
example, if three power blocks are connected, the typical current
limit threshold would be 3 x 2A = 6A.
If the sampled current exceeds the overcurrent threshold, a 3-bit
overcurrent counter increments by one LSB. If the sampled current
falls below the threshold before the counter overflows, the counter
FIGURE 10. SOFT-START CIRCUIT
-
+
VREF
FB
PWM
LOGIC
ISS
ERROR
AMPLIFIER
REF
CREF
VOUT
RT
RB
+
SS
CSS
VREF = 0.6V
ISS = 23µA
RD
RD = 2.2Ω
tSS
CSS
VREF
ISS
---------------
=
(EQ. 6)
IINRUSH
COUT
VOUT
tSS
----------------
=
(EQ. 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com