Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70001SEHFE Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL70001SEHFE
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEHFE Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL70001SEHFE Datasheet HTML 15Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 16Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 17Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 18Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 19Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 20Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 21Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 22Page - Renesas Technology Corp ISL70001SEHFE Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 19 of 23
Feb 5, 2024
Metallization Mask Layout
ISL70001SEH, ISL70001SRH
PVIN1
LX1
PGND1 PGND2
LX2
PVIN2
PVIN3
SYNC
M/S
ZAP
TDI
TDO
PGOOD
SS
DVDD
DGND
PGND
AGND
AVDD REF
FB
EN PORSEL PVIN6
LX6
PGND6
PGND5
LX5
PVIN5
PVIN4
LX4
PGND4
PGND3
LX3
ORIGIN
TABLE 1. LAYOUT X-Y COORDINATES
PAD NAME
PAD NUMBER
X
(µm)
Y
(µm)
dX
(µm)
dY
(µm)
BOND WIRES
PER PAD
AVDD
15
478
263
135
135
1
REF
16
865
263
135
135
1
FB
17
1295
263
135
135
1
EN
18
1751
263
135
135
1
PORSEL
19
2151
263
135
135
1
PVIN6
20
2838
188
521
135
3
LX6
21
3449
188
521
135
3
PGND6
22
4060
188
521
135
3
PGND5
23
4845
188
521
135
3
LX5
24
5449
925
135
521
3
PVIN5
25
5449
1651
135
521
3
PVIN4
26
5449
2263
135
521
3
LX4
27
5449
2874
135
521
3
PGND4
28
5449
3485
135
521
3
PGND3
29
5449
4096
135
521
3
LX3
30
5449
4745
135
521
3
PVIN3
31
4941
5559
521
135
3
PVIN2
32
4137
5559
521
135
3
LX2
33
3449
5559
521
135
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com