Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL71043MEVAL1Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL71043MEVAL1Z
Description  100V, 60A Enhancement Mode GaN Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71043MEVAL1Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL71043MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FN8975 Rev.4.03
Page 4
Mar 28, 2024
ISL70023SEH, ISL73023SEH Datasheet
2.
Pin Information
2.1
Pin Assignments
2.2
Pin Descriptions
(4 Ld SMD)
Pin Number
Pin
Name
Description
1
S
Source connection for the GaN FET.
2SUB
Substrate connection for the GaN FET which is internally shorted in to source. Tie this pin to source on
the PCB.
3
D
Drain connection for the GaN FET
4G
Gate connection for the GaN FET. Minimize trace inductance from driver to reduce over-stressing the
gate.
NA
Lid
Internally tied to the source pin.
Note: The ESD triangular mark indicates Pin #1. It is a part of the device
marking and is placed on the lid in the quadrant where Pin #1 is located.
Bottom View
(1) S
(4)
(2)
(3) D
Top View
Pin #1 Index Area
(4) G
(2) SUB
(1) S
(3) D
G
SUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com