Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD16409Q3.B Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD16409Q3.B
Description  N-Channel NexFET™ Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD16409Q3.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD16409Q3.B Datasheet HTML 2Page - Texas Instruments CSD16409Q3.B Datasheet HTML 3Page - Texas Instruments CSD16409Q3.B Datasheet HTML 4Page - Texas Instruments CSD16409Q3.B Datasheet HTML 5Page - Texas Instruments CSD16409Q3.B Datasheet HTML 6Page - Texas Instruments CSD16409Q3.B Datasheet HTML 7Page - Texas Instruments CSD16409Q3.B Datasheet HTML 8Page - Texas Instruments CSD16409Q3.B Datasheet HTML 9Page - Texas Instruments CSD16409Q3.B Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
0.63
0.41
M0143-01
3.50
2.31
0.56
4.00 ±0.10 (See Note 1)
2.00 ±0.05
3.60
M0144-01
8.00 ±0.10
Ø 1.50
+0.10
–0.00
CSD16409Q3
www.ti.com
SLPS204A – AUGUST 2009 – REVISED MAY 2010
Recommended PCB Land Pattern
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
Q3 Tape and Reel Information
Notes:
1. 10 sprocket hole pitch cumulative tolerance ±0.2
2. Camber not to exceed 1mm IN 100mm, noncumulative over 250mm
3. Material:black static dissipative polystyrene
4. All dimensions are in mm (unless otherwise specified)
5. Thickness: 0.30 ±0.05mm
6. MSL1 260°C (IR and Convection) PbF Reflow Compatible
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CSD16409Q3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com