Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY74FCT138ATSOC Datasheet(PDF) 2 Page - Texas Instruments

Part # CY74FCT138ATSOC
Description  1-OF-8 DECODERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT138ATSOC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT138ATSOC Datasheet HTML 1Page - Texas Instruments CY74FCT138ATSOC Datasheet HTML 2Page - Texas Instruments CY74FCT138ATSOC Datasheet HTML 3Page - Texas Instruments CY74FCT138ATSOC Datasheet HTML 4Page - Texas Instruments CY74FCT138ATSOC Datasheet HTML 5Page - Texas Instruments CY74FCT138ATSOC Datasheet HTML 6Page - Texas Instruments CY74FCT138ATSOC Datasheet HTML 7Page - Texas Instruments CY74FCT138ATSOC Datasheet HTML 8Page - Texas Instruments CY74FCT138ATSOC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY54FCT138T, CY74FCT138T
1-OF-8 DECODERS
SCCS013B – MAY 1994 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
5
CY74FCT138CTQCT
FT138-3
SOIC
SO
Tube
5
CY74FCT138CTSOC
FCT138C
SOIC – SO
Tape and reel
5
CY74FCT138CTSOCT
FCT138C
–40
°C to 85°C
QSOP – Q
Tape and reel
5.8
CY74FCT138ATQCT
FT138-1
SOIC
SO
Tube
5.8
CY74FCT138ATSOC
FCT138A
SOIC – SO
Tape and reel
5.8
CY74FCT138ATSOCT
FCT138A
QSOP – Q
Tape and reel
9
CY74FCT138TQCT
FT138
LCC – L
Tube
6
CY54FCT138CTLMB
–55
°C to 125°C
LCC – L
Tube
12
CY54FCT138TLMB
CDIP – D
Tube
12
CY54FCT138TDMB
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUTS
E1
E2
E3
A0
A1
A2
O0
O1
O2
O3
O4
O5
O6
O7
H
X
X
X
X
X
H
H
H
H
H
H
H
H
X
HX
X
X
XH
HH
HH
HH
H
X
XL
X
X
X
H
HH
HH
HH
H
L
L
H
L
L
L
L
H
H
H
H
H
H
H
L
LH
HL
LH
L
H
HH
HH
H
L
LHLHLH
H
L
HH
HH
H
L
LH
H
H
LH
HH
L
H
HH
H
L
L
H
L
L
H
H
H
H
H
L
H
H
H
L
LH
HL
H
H
HH
HH
L
H
H
L
LHLH
H
H
HH
HH
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
H
L
H = High logic level, L = Low logic level, X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com