Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W400DT70M6F Datasheet(PDF) 39 Page - STMicroelectronics

Part # M29W400DT70M6F
Description  4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT70M6F Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M29W400DT70M6F Datasheet HTML 35Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 36Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 37Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 38Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 39Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 40Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 41Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 42Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
M29W400DT, M29W400DB
Part numbering
39/48
9
Part numbering
Table 20.
Ordering information scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
Example:
M29W400DT
55
N
6
T
Device type
M29
Operating voltage
W = VCC = 2.7 to 3.6 V
Device Function
400D = 4 Mbit (512 Kb x 8 or 256 Kb x 16), boot block
Array matrix
T = Top boot
B = Bottom boot
Speed
45 = 45 ns
55 = 55 ns
70 = 70 ns
Package
M = SO44
N = TSOP48: 12 x 20 mm
ZA = TFBGA48: 6 x 9 mm
ZE = TFBGA48: 6 x 8 mm
Temperature range
6 = –40 to 85 °C
1 = 0 to 70 °C
Option
Blank = Standard packing
T = Tape & Reel packing
E = ECOPACK package, standard packing
F = ECOPACK package, Tape & Reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com