Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BST91T1P4K01-VC Datasheet(PDF) 6 Page - Rohm

Part # BST91T1P4K01-VC
Description  Automotive Grade SiC Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BST91T1P4K01-VC Datasheet(HTML) 6 Page - Rohm

Back Button BST91T1P4K01-VC Datasheet HTML 2Page - Rohm BST91T1P4K01-VC Datasheet HTML 3Page - Rohm BST91T1P4K01-VC Datasheet HTML 4Page - Rohm BST91T1P4K01-VC Datasheet HTML 5Page - Rohm BST91T1P4K01-VC Datasheet HTML 6Page - Rohm BST91T1P4K01-VC Datasheet HTML 7Page - Rohm BST91T1P4K01-VC Datasheet HTML 8Page - Rohm BST91T1P4K01-VC Datasheet HTML 9Page - Rohm BST91T1P4K01-VC Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BST91T1P4K01-VC
Electrical characteristic curves (Typical)
Drain - source voltage VDS (V)
Drain current ID (A)
Figure 8. Drain - source voltage characteristic
at 25°C (Typ.)
Gate - source voltage VGS (V)
Figure 6. Output characteristic at 25°C (Typ.)
Figure 7. Drain - source voltage characteristic (Typ.)
0
50
100
150
200
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
50
100
150
200
Tvj = 150ºC
Tvj = 125ºC
Tvj = 25ºC
0
1
2
3
4
5
12
14
16
18
20
V
GS = 18V
I
D = 130A
I
D = 90A
I
D = 50A
I
D = 20A
V
GS = 20V
V
GS = 18V
V
GS = 15V
V
GS = 13V
www.rohm.com
© 2025 ROHM Co., Ltd. All rights reserved.
TSZ22111·15·001
6/13
18.April.2025 - Rev.001
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com