| Electronic Components Datasheet Search |
|
LPC2292FET144/00 Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2292FET144/00 Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 54 page ![]() LPC2292_2294_6 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 06 — 10 December 2007 21 of 54 NXP Semiconductors LPC2292/LPC2294 16/32-bit ARM microcontrollers with external memory interface receivers can operate in either master or slave mode, depending on whether the chip has to initiate a data transfer or is only addressed. The I2C-bus is a multi-master bus, it can be controlled by more than one bus master connected to it. The I2C-bus implemented in LPC2292/2294 supports bit rate up to 400 kbit/s (Fast I2C-bus). 6.12.1 Features • Compliant with standard I2C-bus interface. • Easy to configure as master, slave, or master/slave. • Programmable clocks allow versatile rate control. • Bidirectional data transfer between masters and slaves. • Multi-master bus (no central master). • Arbitration between simultaneously transmitting masters without corruption of serial data on the bus. • Serial clock synchronization allows devices with different bit rates to communicate via one serial bus. • Serial clock synchronization can be used as a handshake mechanism to suspend and resume serial transfer. • The I2C-bus may be used for test and diagnostic purposes. 6.13 SPI serial I/O controller The LPC2292/2294 each contain two SPIs. The SPI is a full duplex serial interface, designed to be able to handle multiple masters and slaves connected to a given bus. Only a single master and a single slave can communicate on the interface during a given data transfer. During a data transfer the master always sends a byte of data to the slave, and the slave always sends a byte of data to the master. 6.13.1 Features • Compliant with Serial Peripheral Interface (SPI) specification. • Synchronous, Serial, Full Duplex communication. • Combined SPI master and slave. • Maximum data bit rate of 1 ⁄ 8 of the input clock rate. 6.13.2 Features available in LPC2292/2294/01 only • Eight to 16 bits per frame. • When the SPI interface is used in Master mode, the SSELn pin is not needed (can be used for a different function). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |