Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C4OACA Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # C4OACA
Description  DIGITAL I/O MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

C4OACA Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  C4OACA Datasheet HTML 1Page - Sensata Technologies, Inc. C4OACA Datasheet HTML 2Page - Sensata Technologies, Inc. C4OACA Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2024 Sensata Technologies, Inc.
EQUIVALENT CIRCUIT DIAGRAM / MECHANICAL SPECIFICATIONS
Part Number
C4OAC
C4OACA
C4ODC
C4ODCA
Nominal Line Voltage
120 VAC
240 VAC
5-48 VDC
5-150 VDC
Minimum Line Voltage
12 VAC
12 VAC
5.0 VDC
3 VDC
Maximum Line Voltage
140 VAC
280 VAC
60 VDC
250 VDC
Max Off-State Voltage (4)
600 Vpeak
600 Vpeak
60 VDC
250 VDC
Max Off-State Leakage (5)
0.1mArms
0.1mArms
10 uA
10 uA
Static Off-State dv/dt (6)
200 V/usec
200 V/usec
n/a
n/a
Maximum Rated On-State Current (7)
3.0 Arms
3.0 Arms
3.0 A
3.0 A
Minimum On-State Current
50 mArms
50 mArms
10 mA
10 mA
Max Surge Current (8)
100 Apeak
100 Apeak
5.0 Apeak
5.0 Apeak
On-State Voltage Drop or
Resistance (9)
1.6 V
1.6 V
1.6 V
1.6 V
HP Rating
1/4
1/4
n/a
n/a
Maximum Turn-On Time [msec](10)
8.33
8.33
0.05
0.05
Maximum Turn-Off Time [msec]
8.33
8.33
0.05
0.05
Input/Output Isolation Voltage(11)
4000 Vrms
4000 Vrms
4000 Vrms
4000 Vrms
Input/Output Capacitance
4 pF
4 pF
4 pF
4 pF
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 100°C
-40 to 100°C
-40 to 100°C
-40 to 100°C
Line Frequency Range
47 to 63 Hz
47 to 63 Hz
DC
DC
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
Output (1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com