Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026ASEH Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL72026ASEH
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEH Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL72026ASEH Datasheet HTML 19Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 20Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 21Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 22Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 23Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 24Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 25Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 26Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
FN8861 Rev. 1.00
Page 23 of 28
Jul 27, 2017
ISL72026ASEH
5. Die Characteristics
5.
Die Characteristics
Table 4. Die and Assembly Related Information
Die Information
Dimensions
2413µmx3322µm (95 milsx130.79 mils)
Thickness: 305µm ±25µm (12 mils ±1 mil)
Interface Materials
Glassivation
Type: 12kÅ Silicon Nitride on 3kÅ Oxide
Top Metallization
Type: 300Å TiN on 2.8µm AlCu
In Bondpads, TiN has been removed.
Backside Finish
Silicon
Process
P6SOI
Assembly Information
Substrate Potential
Floating
Additional Information
Worst Case Current Density
1.6x105A/cm2
Transistor Count
4055
Weight of Packaged Device
0.31 grams
Lid Characteristics
Finish: Gold
Potential: Grounded, tied to package Pin 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com