Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W400DT70M1F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29W400DT70M1F
Description  4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT70M1F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29W400DT70M1F Datasheet HTML 9Page - STMicroelectronics M29W400DT70M1F Datasheet HTML 10Page - STMicroelectronics M29W400DT70M1F Datasheet HTML 11Page - STMicroelectronics M29W400DT70M1F Datasheet HTML 12Page - STMicroelectronics M29W400DT70M1F Datasheet HTML 13Page - STMicroelectronics M29W400DT70M1F Datasheet HTML 14Page - STMicroelectronics M29W400DT70M1F Datasheet HTML 15Page - STMicroelectronics M29W400DT70M1F Datasheet HTML 16Page - STMicroelectronics M29W400DT70M1F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
M29W400DT, M29W400DB
Signal descriptions
13/48
2
Signal descriptions
See Figure 1: Logic diagram, and Table : , for a brief overview of the signals connected to
this device.
2.1
Address inputs (A0-A17)
The Address inputs select the cells in the memory array to access during Bus Read
operations. During Bus Write operations they control the commands sent to the command
interface of the Program/Erase controller.
2.2
Data inputs/outputs (DQ0-DQ7)
The Data inputs/outputs output the data stored at the selected address during a Bus Read
operation. During Bus Write operations they represent the commands sent to the command
interface of the Program/Erase controller.
2.3
Data inputs/outputs (DQ8-DQ14)
The Data inputs/outputs output the data stored at the selected address during a Bus Read
operation when BYTE is High, VIH. When BYTE is Low, VIL, these pins are not used and are
high impedance. During Bus Write operations the Command Register does not use these
bits. When reading the Status Register these bits should be ignored.
2.4
Data input/output or Address input (DQ15A-1)
When BYTE is High, VIH, this pin behaves as a Data input/output pin (as DQ8-DQ14). When
BYTE is Low, VIL, this pin behaves as an address pin; DQ15A–1 Low will select the LSB of
the word on the other addresses, DQ15A–1 High will select the MSB. Throughout the text
consider references to the Data input/output to include this pin when BYTE is High and
references to the Address inputs to include this pin when BYTE is Low except when stated
explicitly otherwise.
2.5
Chip Enable (E)
The Chip Enable, E, activates the memory, allowing Bus Read and Bus Write operations to
be performed. When Chip Enable is High, VIH, all other pins are ignored.
2.6
Output Enable (G)
The Output Enable, G, controls the Bus Read operation of the memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com