Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72027ASEHEVAL1Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL72027ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEHEVAL1Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL72027ASEHEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL72027ASEHEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL72027ASEHEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL72027ASEHEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL72027ASEHEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL72027ASEHEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL72027ASEHEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL72027ASEHEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL72027ASEHEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
FN8862 Rev.1.00
Page 11 of 27
Jul 27, 2017
ISL72027ASEH
2. Specifications
2.5
Test Circuits and Waveforms
Propagation Delay LOW to
HIGH
tPLH
Figure 17
Full
-
50
110
ns
Propagation Delay HIGH to
LOW
tPHL
Figure 17
Full
-
50
110
ns
Rx Skew
tSKEW1
|(tPHL - tPLH)|, Figure 17
Full
-
2
35
ns
Rx Rise Time
tr
Figure 17
Full
-
2
-
ns
Rx Fall Time
tf
Figure 17
Full
-
2
-
ns
VREF/RS Pin Characteristics
VREF Pin Voltage
VREF
-5µA < IREF < 5µA
Full
0.45xVCC
1.60
0.55xVCC
V
-50µA < IREF < 50µA
Full
0.4xVCC
1.6
0.6xVCC
V
RS Pin Input Current
IRS(H)
RS = 0.75 x VCC
Full
-10.0
-0.2
-
µA
IRS(L)
VRS = 0V
Full
-450
-125
0
µA
Notes:
7. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
8. Parameters with MIN and/or MAX limits are 100% tested at -55°C, +25°C, and +125°C, unless otherwise specified.
9. Typical values are at 3.3V. Parameters with a single entry in the “TYP” column apply to 3.3V. Typical values shown are not
guaranteed.
10. Parameter included in functional testing.
Figure 10. Driver Test Circuit
Figure 11. Driver Bus Voltage Definitions
Figure 12. Driver Common-Mode Circuit
Test Conditions: VCC = 3V to 3.6V; typical values are at TA = +25°C (Note 9); unless otherwise specified (Note 7). Boldface limits apply
across the operating temperature range, -55°C to +125°C and over a total ionizing dose of 75krad(Si) at +25°C with exposure at
a low dose rate of <10mrad(Si)/s. (Continued)
Parameter
Symbol
Test Conditions
Temp
(°C)
Min
(Note 8)
Typ
(Note 9)
Max
(Note 8)
Unit
CAN_H
CAN_L
GND
D
60Ω
V
V VO(CAN_H)
VO(CAN_L)
RECESSIVE
DOMINANT
3V
2.3V
1V
VOD
VO(CAN_H)
VO(CAN_L)
CAN_H
CAN_L
GND
D
60Ω
V
-7V < VCM < 12V
330Ω
330Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com