Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADA4352-2EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-ADA4352-2EBZ
Description  User Guide for ADA4342-2 Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADA4352-2EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-ADA4352-2EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADA4352-2EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADA4352-2EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADA4352-2EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADA4352-2EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADA4352-2EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADA4352-2EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADA4352-2EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADA4352-2EBZ Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Evaluation Board User Guide
EVAL-ADA4352-2EBZ
analog.com
Rev. 0
13 of 15
Ordering Information
Table 7. Bill of Materials
Quantity
Designator
Description
Manufacturer and Part Number
1
ADA4352-2 (U1)
Compact, dual-channel, precision, PGTIA
Analog Devices, Inc., ADA4352-
2ACPZ
3
C1, C2, C3
10 µF capacitor, 1206
Murata, GCM31CR71C106KA64K
2
C20, C22
4.7 µF capacitor, 1206
Murata, GRM31CR71H475KA12L
3
C4, C5, C6
0.1 µF capacitor, 0603
TDK, C1608X8R1E104K080AA
4
C8, C9, C19, C21
1 pF capacitor, 0603
AVX, 06031A1R0BAT2A
10
J1, J2, J3, J4, J5, J6, J7, J8,
J9, J10
SMA female, edge-mounted sockets
Cinch, 142-0701-851
7
P1, P2, P4, P5, P6, P7, P8
2-pin headers, 2.54 mm through hole,
vertical
Amphenol FCI, 69157-102HLF
1
P3
3-pin header, 2.54 mm through hole,
vertical
Samtec Inc., TSW-103-23-F-S
2
R19, R20
10 kΩ resistor, 0402
Panasonic, ERJ-2RKF1002X
8
R2, R4, R8, R12, R14, R16,
R28, R31
0 Ω resistor, 0603
Panasonic, ERJ-3GEY0R00V
6
R6, R10, R21, R23, R25, R26
1 kΩ resistor, 0603
Panasonic, ERJ-3EKF1001V
6
TP1, TP2, TP3, TP4, TP8, TP9
Black test points, through hole, 1.02 mm
diameter
Vero Technologies, 20-2137
2
TP5, TP7
Red test points, through hole, 1.02 mm
diameter
Vero Technologies, 20-313137
1
TP6
Blue test point, through hole, 1.02 mm
diameter
Components Corporation, TP104-
01-06
1
Not applicable
ADA4352-2 evaluation board
EVAL-ADA4352-2EBZ
4
Not applicable
Standoff
Keystone, 1902C
4
Not applicable
Screw
B&F Fastener Supply, NY PMS
440 0025 PH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com