Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELJQF2N0DF Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJQF2N0DF
Description  High Frequency Use High-Q (Non Magnetic Core) QF, QE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJQF2N0DF Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJQF2N0DF Datasheet HTML 1Page - Panasonic Semiconductor ELJQF2N0DF Datasheet HTML 2Page - Panasonic Semiconductor ELJQF2N0DF Datasheet HTML 3Page - Panasonic Semiconductor ELJQF2N0DF Datasheet HTML 4Page - Panasonic Semiconductor ELJQF2N0DF Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
– 110 –
1
10
100
1000
10
100
1000
10000
10
20
30
40
50
60
90
80
70
10
100
1000
10000
2N2
4N7
10N
22N
39N
2N2
22N
39N
10N
4N7
Frequency (MHz)
Frequency (MHz)
■ Typical Characteristics
● Q-Frequency Characteristics (Typ.)
● L-Frequency Characteristics (Typ.)
Part No.
Inductance (nH)(Typ.)
Q(Typ.)
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
ELJQF1N0 F
1.00
1.00
1.01
1.01
1.02
42.8
46.1
64.1
67.7
73.6
ELJQF1N2 F
1.20
1.21
1.22
1.22
1.23
44.4
47.1
65.8
69.0
75.1
ELJQF1N5 F
1.51
1.51
1.53
1.53
1.55
43.7
46.4
64.5
67.6
73.3
ELJQF1N8 F
1.78
1.78
1.81
1.82
1.84
40.0
42.4
58.8
61.5
66.6
ELJQF2N2 F
2.19
2.19
2.24
2.25
2.28
41.9
44.5
61.4
64.2
69.3
ELJQF2N7 F
2.73
2.73
2.79
2.81
2.85
46.3
49.1
67.7
70.7
76.2
ELJQF3N3 F
3.32
3.33
3.40
3.43
3.48
47.2
50.0
68.8
71.8
77.1
ELJQF3N9 F
3.98
3.99
4.11
4.15
4.24
43.0
45.6
62.0
64.4
68.4
ELJQF4N7 F
4.70
4.71
4.86
4.91
5.02
44.1
46.8
63.2
65.6
69.1
ELJQF5N6 F
5.59
5.60
5.80
5.87
6.02
44.2
46.9
63.6
66.1
70.3
ELJQF6N8 F
6.82
6.84
7.13
7.22
7.46
42.6
45.1
60.4
62.5
65.4
ELJQF8N2 F
8.33
8.35
8.76
8.89
9.22
41.3
43.7
58.2
60.0
62.3
ELJQF10N F
10.14
10.18
10.76
10.94
11.42
41.8
44.2
58.8
60.8
63.5
ELJQF12N F
12.0
12.1
12.9
13.2
13.9
44.1
46.7
59.9
61.0
60.9
ELJQF15N F
15.2
15.3
16.7
17.2
18.4
42.3
44.6
56.2
56.8
55.7
ELJQF18N F
18.3
18.4
20.2
20.8
22.5
43.4
45.7
55.8
55.5
52.1
ELJQF22N F
22.5
22.8
26.2
27.4
30.9
42.4
44.6
53.8
53.7
50.8
ELJQF27N F
27.8
28.1
33.3
35.3
41.2
39.6
41.6
48.8
48.1
44.1
ELJQF33N F
33.7
34.0
38.4
40.0
44.3
35.6
37.4
45.4
45.3
42.9
ELJQF39N F
40.1
40.5
46.2
48.2
53.9
32.8
34.5
42.2
42.3
40.9
: Symbol of Tolerance
■ Reference Date
■ ELJQF Type
Sep. 2010
00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com