Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC14CD Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC14CD
Description  BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC14CD Datasheet(HTML) 4 Page - Texas Instruments

  TLC14CD Datasheet HTML 1Page - Texas Instruments TLC14CD Datasheet HTML 2Page - Texas Instruments TLC14CD Datasheet HTML 3Page - Texas Instruments TLC14CD Datasheet HTML 4Page - Texas Instruments TLC14CD Datasheet HTML 5Page - Texas Instruments TLC14CD Datasheet HTML 6Page - Texas Instruments TLC14CD Datasheet HTML 7Page - Texas Instruments TLC14CD Datasheet HTML 8Page - Texas Instruments TLC14CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLC04/MF4A-50, TLC14/MF4A-100
BUTTERWORTH FOURTH-ORDER LOW-PASS
SWITCHED-CAPACITOR FILTERS
SLAS021A – NOVEMBER 1986 – REVISED MARCH 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC+ = 5 V,
VCC– = –5 V, fclock ≤ 250 kHz (unless otherwise noted)
filter section
PARAMETER
TEST
TLC04/MF4A-50
TLC14/MF4A-100
UNIT
PARAMETER
CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VOO
Output offset voltage
150
200
mV
VOM
Peak output voltage
VOM+
RL =10kΩ
3.75
4.3
3.75
4.5
V
VOM
Peak output voltage
VOM –
RL = 10 kΩ
– 3.75
– 4.1
– 3.75
– 4.1
V
IOS
Short circuit output current
Source
TA = 25°C,
–2
–2
mA
IOS
Short-circuit output current
Sink
A
,
See Note 4
5
5
mA
ICC
Supply current
fclock = 250 kHz
1.8
3
1.8
3
mA
kSVS
Supply voltage sensitivity (see Figures 1 and 2)
–30
–30
dB
† All typical values are at TA = 25°C.
NOTE 4: IOS(source)ismeasuredbyforcingtheoutputtoitsmaximumpositivevoltageandthenshortingtheoutputtotheVCC –terminal.IOS(sink)
is measured by forcing the output to its maximum negative voltage and then shorting the output to the VCC+ terminal.
clocking section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT
Positive going input threshold voltage
VCC+ = 10 V, VCC – = 0
6.1
7
8.9
V
VIT+
Positive-going input threshold voltage
VCC+ = 5 V,
VCC – = 0
3.1
3.5
4.4
V
VIT
Negative going input threshold voltage
CLKIN
VCC+ = 10 V, VCC – = 0
1.3
3
3.8
V
VIT –
Negative-going input threshold voltage
CLKIN
VCC+ = 5 V,
VCC – = 0
0.6
1.5
1.9
V
Vh
Hysteresis voltage (VIT
VIT )
VCC+ = 10 V, VCC – = 0
2.3
4
7.6
V
Vhys
Hysteresis voltage (VIT+ – VIT–)
VCC+ = 5 V,
VCC – = 0
1.2
2
3.8
V
VOH
High level output voltage
VCC = 10 V
IO =10 µA
9
V
VOH
High-level output voltage
VCC = 5 V
IO = – 10 µA
4.5
V
VOL
Low level output voltage
VCC = 10 V
IO =10 µA
1
V
VOL
Low-level output voltage
VCC = 5 V
IO = 10 µA
0.5
V
Input leakage current
CLKR
VCC = 10 V
LS at midsupply,
2
µA
Input leakage current
CLKR
VCC = 5 V
y,
TA = 25°C
2
µA
VCC = 10 V
CLKR and CLKIN
–3
–7
mA
IO
Output current
VCC = 5 V
shortened to VCC –
– 0.75
–2
mA
IO
Output current
VCC = 10 V
CLKR and CLKIN
3
7
mA
VCC = 5 V
shortened to VCC+
0.75
2
mA
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com