Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0ALDB5000-PD Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ALDB5000-PD
Description  Electric vehicle auxiliary fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ALDB5000-PD Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ALDB5000-PD Datasheet HTML 1Page - Bel Fuse Inc. 0ALDB5000-PD Datasheet HTML 2Page - Bel Fuse Inc. 0ALDB5000-PD Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type 0ALD
2 / 3
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
Rev. 0ALD Mar2024
Temperature Re-Rating Curve
Average Time Current Curve
Normal Operating Temperature: 25℃± 2℃
Operating Temperature: -40℃ to 125℃ with proper correction
factor applied.
Chart of correction factor
Storage Temperature: -40℃ to 125℃
Soldering Parameter for Through hole series:
-Wave soldering: Solder Pot Temperature: 260°C Max.
Solder Dwell Time: 10s Max.
-Hand-Soldering (not recommended):
Solder Iron Temperature: 350°C±5°C
Heating Time: 5s Max.
Electrical Specifications
Part Number
Ampere
Rating
Voltage and
Interrupting Ratings
Typical cold resistance
(mOhms)
Typical voltage drop
(mV)
Typical pre-arcing I²t
(A²sec)
0ALDx5000-xx
5A
See Table of
Ratings above for
Voltage and
associated
Interrupting Ratings
31
190
35
0ALDx9100-xx
10A
12.5
130
120
0ALDx9150-xx
15A
7.2
140
405
0ALDx9200-xx
20A
5.2
154
1000
0ALDx9250-xx
25A
4.0
145
560
0ALDx9300-xx
30A
3.1
150
880
0ALDx9400-xx
40A
2.2
148
1760
0ALDx9500-xx
50A
1.6
155
3250
Consult manufacturer for other ratings
* Temperature Rise :<=50K with 70% of rated current
* DC Cold Resistance are measured at <10% of rated current in ambient temperature of 25℃
*Typical Pre-arcing I²t are measured at 10In Current.
Specifications subject to change without notice
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
Current (Amperes)
Time Current Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com