Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0ZCF0200AF2C Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0ZCF0200AF2C
Description  Surface Mount PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZCF0200AF2C Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0ZCF0200AF2C Datasheet HTML 1Page - Bel Fuse Inc. 0ZCF0200AF2C Datasheet HTML 2Page - Bel Fuse Inc. 0ZCF0200AF2C Datasheet HTML 3Page - Bel Fuse Inc. 0ZCF0200AF2C Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 0ZCF Series
3 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ZCF Apr2023
Pad Layout
Termination Pad Materials
The dimensions in the table below provide the
Matte Tin
– Plated Copper
Recommended pad layout.
Mechanical Dimensions and Marking
Temperature Derating Table
Temperature Derating Table
I Hold Value
-40
-20
0
23
30
40
50
60
70
85
0030 and 0050
182%
156%
130%
100%
93%
83%
72%
60%
48%
30%
0075 thru 0500
146%
131%
115%
100%
93%
83%
74%
64%
56%
43%
Thermal Derating Curve
Cautionary Notes
1. Operation beyond the specified maximum ratings or improper use
may result in damage and possible electrical arcing and/or flame.
2. These Polymer PTC (PPTC) devices are intended for protection
against occasional overcurrent/overtemperature fault conditions
and may not be suitable for use in applications where repeated
and/or prolonged fault conditions are anticipated.
3. Avoid contact of PTC device with chemical solvent. Prolonged
contact may adversely impact the PTC performance.
4. These PTC devices may not be suitable for use in circuits with a
large inductance, as the PTC trip can generate circuit voltage
spikes above the PTC rated voltage.
5. These devices may be used in both DC and AC circuits provided
that peak-to-peak line voltage when carrying AC does not exceed
the PTC’s Vmax rating. As PTCs are essentially thermal devices,
the RMS value of AC current carried by a PTC will produce
tripping parameters and times-to-trip similar to those of a DC
voltage of the same magnitude.
6. If potting is mandated, avoid rigid potting compounds as they will
encase the PTC and prevent it from volumetrically expanding to
properly respond to a trip event.
7. MSL: 2a (According to IPC J-Std-020).
P
S
W
Nominal
Nominal
Nominal
mm
Inch
mm
Inch
mm
Inch
5.10
0.201
2.30
0.091
5.60
0.221
All dimensions in mm.
Part Number
Dimensions
Marking Code
C
“b”, IH code
Min
Max
0ZCF0030FF2C
0.60
1.15
0030
0ZCF0050FF2C
0.60
1.15
0050
0ZCF0075FF2C
0.40
1.15
0075
0ZCF0075AF2C
0.60
1.15
0075
60
0ZCF0100AF2A
0.40
1.70
0100
60
0ZCF0110FF2C
0.40
1.00
0110
0ZCF0110AF2A
0.40
1.70
0110
60
0ZCF0125FF2C
0.40
0.90
0125
0ZCF0150FF2C
0.40
0.90
0150
0ZCF0185FF2C
0.30
0.90
0185
0ZCF0200FF2C
0.30
0.90
0200
0ZCF0200AF2C
0.20
0.80
0200
24
0ZCF0250FF2C
0.30
0.90
0250
0ZCF0260FF2C
0.30
0.90
0260
0ZCF0260AF2C
0.65
1.15
0260
24
0ZCF0300FF2C
0.40
0.90
0300
0ZCF0300AF2C
0.40
1.15
0300
15
0ZCF0300BF2C
0.65
1.15
0300
24
0ZCF0330FF2C
0.65
1.15
0330
0ZCF0400FF2A
0.40
1.50
0400
0ZCF0500FF2A
0.40
1.50
0500
Specifications subject to change without notice
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
-40
-20
0
20
40
60
80
Temperature(°
C)
Temperature Derating Curve
0075 thru 0500
0030 and 0050



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com