Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS24 Datasheet(PDF) 1 Page - Comus International

Part # MS24
Description  Movement / Vibration Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

MS24 Datasheet(HTML) 1 Page - Comus International

  MS24 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: MS24 (Alternate Part No: S1425)
Movement / Vibration Sensor
Product Data Sheet
PICTURE
OPERATION
FEATURES
DIMENSIONS
Drawings not to scale.
All dimensions in inches (mm) nominal.
• Resistant to Ambient Environmental Conditions
• Case Material : Gold Plated
• Hermetically Sealed & Inert Gas Filled
Contact Capacity
25 mA MAX, 24 VDC MAX
Contact Resistance
100 Ohms
Operating Temperature
-37˚ +100˚C
SPECIFICATION
0.185 (4.70)
0.04 (1.016)
0.032 (0.812)
0.322 (8.178)
0.551 (13.99)
0.375 (9.524)
0.366
(9.296)
SWITCH MAY BE ON OR
OFF IN ANY POSITION. WILL
EXHIBIT CHANGE OF STATE
UPON MOVEMENT.
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
5 / 2015
Group


Similar Part No. - MS24

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MS24 KISEMICONDUCTOR-MS24 Datasheet
5Mb / 2P
Schottky Bridge Rectifier
logo
Micro Electronics
MS241 MICRO-ELECTRONICS-MS241 Datasheet
67Kb / 2P
0.4 DUAL DIGIT NUMERIC DISPLAYS
logo
Eaton All Rights Reserv...
MS24171-D1 EATON-MS24171-D1 Datasheet
233Kb / 10P
Remote Controlled Circuit Breaker (RCCB)
logo
Micro Electronics
MS241A MICRO-ELECTRONICS-MS241A Datasheet
67Kb / 2P
0.4 DUAL DIGIT NUMERIC DISPLAYS
MS241A-RD MICRO-ELECTRONICS-MS241A-RD Datasheet
63Kb / 2P
0.4 TWO DIGIT NUMERIC DISPLAYS
More results

Similar Description - MS24

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1T16-0ME-I420V14 PF-VIM62PL-E1T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0HE-I420V14 PF-VIM62PP-E1V16-0HE-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-11-16
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PL-S1V16-22E-I422V19 PF-VIM82PL-S1V16-22E-I422V19 Datasheet
1Mb / 4P
Vibration sensor
2022-11-21
VIM82PL-S1V16-2CE-I422C28 PF-VIM82PL-S1V16-2CE-I422C28 Datasheet
1,009Kb / 4P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com