Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWH12752HVC Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWH12752HVC
Description  Plastic Film Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH12752HVC Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWH12752HVC Datasheet HTML 1Page - Panasonic Semiconductor ECWH12752HVC Datasheet HTML 2Page - Panasonic Semiconductor ECWH12752HVC Datasheet HTML 3Page - Panasonic Semiconductor ECWH12752HVC Datasheet HTML 4Page - Panasonic Semiconductor ECWH12752HVC Datasheet HTML 5Page - Panasonic Semiconductor ECWH12752HVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH12752HVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH12752HVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH12752HVC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ECWH(V) series
■ Rated voltage [DC]:1250 V, Capacitance tolerance:±3 %(H), ±5 %(J)
*
□:Capacitance tolerance code
()
:Suffix for lead crimped or taped type
Rating · Dimensions · Quantity
ECWH12753
□V( )
ECWH12823
□V( )
ECWH12913
□V( )
ECWH12104
□V( )
500
400
500
−
300
400
ECWH12363
□V( )
ECWH12393
□V( )
ECWH12513
□V( )
ECWH12563
□V( )
ECWH12623
□V( )
ECWH12683
□V( )
ECWH12113
□V( )
ECWH12123
□V( )
ECWH12133
□V( )
ECWH12153
□V( )
ECWH12223
□V( )
ECWH12243
□V( )
0.10
0.091
0.015
0.022
0.024
0.036
0.039
0.051
0.018
ECWH12562
□V( )
ECWH12682
□V( )
ECWH12822
□V( )
ECWH12912
□V( )
0.056
0.0068
0.0082
0.0091
0.011
0.012
0.013
ECWH12433
□V( )
ECWH12333
□V( )
ECWH12303
□V( )
ECWH12183
□V( )
ECWH12752
□V( )
18.0
18.0
0.043
0.033
0.030
0.062
0.068
0.075
0.0075
0.0056
ECWH12203
□V( )
18.0
18.0
18.0
18.0
18.0
18.0
0.082
23.0
0.020
23.0
ECWH12273
□V( )
0.027
28.0
28.0
23.0
23.0
23.0
23.0
23.0
28.0
23.0
23.0
23.0
23.0
28.0
28.0
28.0
28.0
22.5
23.0
24.0
20.0
21.0
21.5
22.0
18.5
9.5
18.0
12.0
12.5
13.5
14.0
14.5
15.5
10.0
10.5
12.0
11.5
13.5
13.5
14.0
14.5
15.0
11.0
20.0
10.0
7.5
7.5
8.5
8.5
9.0
9.5
8.5
8.5
9.0
17.5
7.5
16.0
8.0
16.5
28.0
29.0
21.5
22.0
24.0
24.5
26.0
25.0
6.0
6.0
6.0
6.0
6.5
6.5
7.0
19.5
21.0
15.5
15.5
16.0
16.5
17.0
19.0
13.0
25.0
25.0
23.5
23.0
15.0
26.0
26.5
27.0
27.5
18.5
18.5
19.5
20.0
20.5
20.5
21.0
20.0
25.0
15.0
15.0
15.0
15.0
15.0
20.0
10.0
10.0
15.0
15.0
25.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
15.0
15.0
10.0
15.0
15.0
15.0
10.0
10.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
20.0
20.0
20.0
20.0
0.8
0.8
0.8
0.8
0.8
0.8
500
400
500
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
Dimensions (mm)
Min. order Q'ty (PCS)
12.5
13.0
13.0
18.0
ød
7.5 mm Straight Crimped
lead
Taping
Bulk
17.5
15.0
10.0
S
Straight
Crimped
lead
Straight
Crimped
lead
0.8
0.8
0.8
0.8
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
ECWH12473
□V( )
0.047
23.0
11.5
20.5
25.5
0.8
0.8
0.8
17.5
17.5
17.5
17.5
17.5
17.5
17.5
20.0
25.0
25.0
25.0
25.0
21.0
20.0
15.0
23.0
7.5
16.0
21.0
20.0
15.0
ECWH12622
□V( )
0.0062
18.0
6.5
13.5
18.5
15.0
ECWH12103
□V( )
0.010
18.0
8.0
15.0
19.0
15.0
15.0
ECWH12163
□V( )
0.016
20.0
20.0
15.0
22.5
12.5
17.5
15.0
10.0
18.0
15.0
10.0
18.0
0.0036
0.0039
0.0043
0.0047
0.0051
18.0
18.0
18.0
18.0
ECWH12392
□V( )
ECWH12432
□V( )
ECWH12472
□V( )
ECWH12512
□V( )
ECWH12362
□V( )
Part No.
Capaci-
tance
(μF)
L
max.
T
max.
H max.
F
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
10.0
18.0
15.0
10.0
18.0
7.0
14.0
19.0
15.0
10.0
10.0
10.0
10.0
10.0
10.0
21.5
20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com