Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWH16152HVC Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ECWH16152HVC
Description  Plastic Film Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH16152HVC Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ECWH16152HVC Datasheet HTML 9Page - Panasonic Semiconductor ECWH16152HVC Datasheet HTML 10Page - Panasonic Semiconductor ECWH16152HVC Datasheet HTML 11Page - Panasonic Semiconductor ECWH16152HVC Datasheet HTML 12Page - Panasonic Semiconductor ECWH16152HVC Datasheet HTML 13Page - Panasonic Semiconductor ECWH16152HVC Datasheet HTML 14Page - Panasonic Semiconductor ECWH16152HVC Datasheet HTML 15Page - Panasonic Semiconductor ECWH16152HVC Datasheet HTML 16Page - Panasonic Semiconductor ECWH16152HVC Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Matters to Be Observed When Using This Product
■ Use the noise-preventing capacitor (AC rated voltage type) on the primary power circuit. This capacitor is designed on the
assumption that a 50 Hz or 60 Hz sine wave voltage is applied to the capacitor. When using a capacitor with a DC rated
voltage type in an AC circuit, see "Voltage at Which DC Rated Voltage Type Capacitor Can be Used in AC Circuit.
" Do not use this type of capacitor on the primary power circuit.
■ When a capacitor is used at a high frequency, its self-heating poses a risk of thermal runaway (smoke generation, ignition).
Reduce the working voltage according to the example shown below. For capacitors used at a high frequency,
we recommend ECHU(X)/(C), ECWF(A)/(L), and ECWH(A)/(C)/(V).
<Example of working voltage reduction>
Capacitor: ECWF2154JA (250 V DC, 0.15 μF) Working frequency: 40 kHz (sine wave)
Allowable current value (entered in the delivery specification sheet): 2.0 Arms at 40 kHz
According to the above equation, the AC working voltage (50 Hz or 60 Hz sine wave voltage) of ECWF(A) operating
at 40 kHz and 53 Vrms is calculated at 125 Vrms. This indicates that using ECWF(A) at a high frequency causes
its allowable voltage to drop. Note that this equation cannot be applied to a working voltage not in a sine waveform,
in which case please contact with us.
■ Make sure that the peak value of a pulse voltage (Vo-p) applied across both ends of the capacitor is equal to or lower
than the rated DC voltage. When the capacitor is used at a high frequency, its self-heating impairs the voltage
endurance characteristics and may lead to destruction of the capacitor. Measure the self-temperature rise value of
the capacitor and keep it equal to or lower than the specified value.
■ When a voltage higher than the rated voltage (allowable voltage) is applied to the capacitor as a result of unusual circuit
behavior caused by a failure of a different component, provide the capacitor with a means of safety protection.
■ Because of its low internal impedance, the capacitor carries an extremely large current flow, depending on the circuit
in which the capacitor is incorporated. Particularly, a high pulse current could flow through the capacitor when the
power supply is turned on or off. Make sure to check whether a high pulse current is flowing through the capacitor.
When the capacitor is used in a high-frequency circuit, such as an inverter circuit and switching circuit, a large current
may flow through the capacitor. Be careful in such cases.
■ A current flow exceeding the allowable current value may put the capacitor in a low-capacitance or open state or cause
the capacitor to generate heat. This may result in degraded voltage endurance performance or short circuit, thus leading
to smoke generation, ignition, etc. When using the capacitor, keep a capacitor current and temperature equal to or
lower than the allowable current value and self-temperature rise value specified in the delivery specification sheet.
■ It is necessary that the allowable current in breakdown mode be examined in terms of both pulse current (peak current)
and continuous current (RMS current). Confirm that both pulse current and continuous current are equal to or lower
than the allowable current value and then use the capacitor.
■ The frequency characteristics of the loss tangent (tanδ) of a capacitor vary depending on the type of a dielectric material
used. For this reason, a different allowable RMS current for a given working frequency shows depending on the product
type. When a capacitor is used at a high frequency, in particular, its loss tangent (tanδ) gets larger, a current flow
larger than the RMS current causes the capacitor to thermally runaway, which may lead to smoke generation or
ignition. Using the capacitor at a high frequency, therefore, requires special caution.
Please let us know the operating conditions for the capacitor to give you detailed advice.
Otherwise, keep the self-temperature rise value and surface temperature of the capacitor within the allowable range even
in the most unfavorable operation conditions.
23-Apr-25
  Circuit design (working current)
V =
=
= 53 Vrms
2.0
2
×3.14×40×103×0.15×10-6
I
2πfC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com