Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6924D013TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6924D013TR
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D013TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6924D013TR Datasheet HTML 24Page - STMicroelectronics L6924D013TR Datasheet HTML 25Page - STMicroelectronics L6924D013TR Datasheet HTML 26Page - STMicroelectronics L6924D013TR Datasheet HTML 27Page - STMicroelectronics L6924D013TR Datasheet HTML 28Page - STMicroelectronics L6924D013TR Datasheet HTML 29Page - STMicroelectronics L6924D013TR Datasheet HTML 30Page - STMicroelectronics L6924D013TR Datasheet HTML 31Page - STMicroelectronics L6924D013TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Application information: monitoring and protection
L6924D
28/38
If a PTC connected to GND is used, the selection is the same as above, the only difference is
when the battery temperature increases, the voltage on the TH pin increases, and vice versa.
For applications that do not need a monitor of the battery temperature, the NTC can be
replaced with a simple resistor whose value is one half of the pull-up resistor RUP.
In this case, the voltage at the TH pin is always inside the voltage window, and the charge is
always enabled.
8.2
Battery absence detection
This feature provides a battery absent detection scheme to detect the removal or the insertion
of the battery. If the battery is removed, the charge current falls below the IENDTH. At the end of
de-glitch time, a detection current IDETECT, equal to 1mA, is sunk from the output for a time of
TDETECT. The device checks the voltage at the output. If it is below the VPRETH, a current equal
to IDETECT is injected in the output capacitor for a TDETECT, and it is checked to see if the
voltage on the output goes higher than VABS (the value is VOPRGTH-50mV). If the battery
voltage changes from VPRETH to VABS and vice versa in a TDETECT time, it means that no
battery is connected to the charger. The TDETECT is expressed by::
Figure 22. Battery absent detection flow chart
3
10
54
×
= MAXCH
DETECT
T
T
Eq: 9-13
BATTERY
ABSENT
Detect Low Absent
VBAT
>
VPRETH
FAST CHARGE
Detect High Absent
VBAT
>
VRCH
PRE CHARGE
NO
YES
YES
NO
DETECT LOW ABSENT = a ISINK is sunk for a TDET from the battery
DETECT HIGH ABSENT = a IINJ is injected for a TDET in the battery
TDET = 100ms (Typ.)
ISINK = IINJ = 1mA (Typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com