Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFAM3790SR Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RFAM3790SR
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3790SR Datasheet(HTML) 5 Page - Qorvo, Inc

  RFAM3790SR Datasheet HTML 1Page - Qorvo, Inc RFAM3790SR Datasheet HTML 2Page - Qorvo, Inc RFAM3790SR Datasheet HTML 3Page - Qorvo, Inc RFAM3790SR Datasheet HTML 4Page - Qorvo, Inc RFAM3790SR Datasheet HTML 5Page - Qorvo, Inc RFAM3790SR Datasheet HTML 6Page - Qorvo, Inc RFAM3790SR Datasheet HTML 7Page - Qorvo, Inc RFAM3790SR Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RFAM3790
Data Sheet Rev.D, Oct 07, 2021 | Subject to change without notice
5 of 8
www.qorvo.com
®
Evaluation Board Bill of Materials (BOM)
Reference Des.
Value
Description
Manuf.
Part Number
C1, C7
DNI
optional to improve matching in
application
C2, C3, C4, C5, C6, C8,
C9
4.7nF
Capacitor, X7R, 50V, 10%, 0402
various
R1
2.7kΩ
Resistor, TK200, 5%, 0603
various
FB1
60Ω @ 100MHz
Impedance Bead, DCR 0.1Ohm, 800mA
Taiyo Yuden
BK 1608HS600-T
D1, D4
25V
Diode, ESD Protection
QORVO
TQP200002
D2
5.6V
Diode, Zener, 200mW
On Semiconductor
MM3Z5V6T1G
D3
33V
Diode, Transient Suppressor, 5%
Diotec
TGL34-33A
T1
1:1
Transformer
QORVO
RFXF0006
T2
2.8:1
Transformer
QORVO
RFXF0008
T3
1:1
Transformer
QORVO
RFXF0009
U1
Amplifier
QORVO
RFAM3790
Notes:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com