Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WG-MODC Datasheet(PDF) 3 Page - Comus International

Part # WG-MODC
Description  Transistor for DC voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

WG-MODC Datasheet(HTML) 3 Page - Comus International

  WG-MODC Datasheet HTML 1Page - Comus International WG-MODC Datasheet HTML 2Page - Comus International WG-MODC Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.comus.com
page 3
Rev. 3 ECN 06030601
Comus International, Belgium : + 32 (0)12 390 400, USA : + 1 973 777 6900 - Assemtech, UK : +44 (0) 1255 862 236
Output Modules
Datasheet WG (M)
Comus International BVBA
Overhaamlaan 40
3700 Tongeren, Belgium
Phone: +32 12390400
Fax: +32 12235754
Email: info@comus.be
www.comus.be
ODC...
Comments
1.)
With inductive loads we recommend to use an external protection (RC-circuit, Diode).
2.)
For the 60 V-types : From ambient temperature TA = +20 °C to the max. operating temperature of 80°C,
the max load current must be decreased with 38 mA/°C .
3.)
For the 200 V-types : From ambient temperature TA = +20 °C to the max. operating temperature of 80°C,
the max load current must be decreased with 18 mA/°C .
4.)
The surge current is defined at TA = +25 °C and non-repetitive.
5.)
The max On-state voltage is defined at TA = +25 °C and max. load current.
6.)
The turn-on and turn-off times are defined at max. Load voltage, load current and nominal input voltage.
Housing specifications
Weight
Ca. 130 g (standard-housing) . 75 g (mini-housing)
Housing material
Glass filled polyester
Potting compound
Thermally conductive epoxy
Terminals
Solder pins
Ordering
Orderingname
Load voltage range
Control voltage range
WG ODC 5
3...60 VDC
2.75-8 VDC
WG ODC 15
9-18 VDC
WG ODC 24
18-32 VDC
WG ODC 5-18
3-24 VDC
WG MODC 5
2.75-8 VDC
WG MODC 15
9-18 VDC
WG MODC 24
18-32 VDC
WG MODC 5-18
3-24 VDC
WG ODC 5A
5...200 VDC
2.75-8 VDC
WG ODC 15A
9-18 VDC
WG ODC 24A
18-32 VDC
WG MODC 5A
2.75-8 VDC
WG MODC 15A
9-18 VDC
WG MODC 24A
18-32 VDC
M: Mini module
A: Input voltage 5-200 VDC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com