Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 140Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 141Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 142Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 143Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 144Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 145Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 146Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 147Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
144/232
DS12288 Rev 1
5.3.19
Analog-to-digital converter characteristics
Unless otherwise specified, the parameters given in Table 69 are preliminary values derived
from tests performed under ambient temperature, fPCLK frequency and VDDA supply voltage
conditions summarized in Table 17: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Table 69. ADC characteristics(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage
-1.62
-
3.6
V
VREF+
Positive
reference
voltage
VDDA ≥ 2 V
2
-
VDDA
V
VDDA < 2 V
VDDA
V
VREF-
Negative
reference
voltage
-VSSA
V
VCMIN
Input common
mode
Differential
(VREF++VREF-)/2
- 0.18
(VREF+ +
VREF-)/2
(VREF+ + VREF-)/2
+ 0.18
V
fADC
ADC clock
frequency
Range 1, single
ADC operation
0.14
-
60
MHz
Range 2
-
-
26
fs
Sampling rate,
continuous mode
For given
resolution and
sampling time
cycles (ts)
0.001
fADC / (sampling time [cycles] +
resolution [bits] + 0.5)
Msps
TTRIG
External trigger
period
Considering trigger
conversion latency
time (tLATR or
tLATRINJ)
--
1ms
-
Resolution =
12 bits,
fADC=60 MHz
tconv + [tLATR or
tLATRINJ]
-
VAIN (3)
Conversion
voltage range
-0
-
VREF+
V
RAIN(4)
External input
impedance
--
-
50
kΩ
CADC
Internal sample
and hold
capacitor
--
5
-
pF
tSTAB
Power-up time
-
1
conversi
on cycle
tCAL
Calibration time
fADC = 60 MHz
1.93
µs
-
116
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com