Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 144Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 145Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 146Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 147Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 148Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 149Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 150Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 151Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
148/232
DS12288 Rev 1
Table 71. ADC accuracy - limited test conditions 1(1)(2)(3)
Symbol Parameter
Conditions(4)
Min Typ Max Unit
ET
Total
unadjusted
error
Single ADC operation ADC clock
frequency ≤ 60 MHz,
VDDA = VREF+ = 3 V, TA =
25 °C
Continuous mode, sampling
rate:
Fast channels@4Msps
Slow channels@2Msps
Single
ended
Fast channel (max speed)
-
5.9
6.9
LSB
Slow channel (max speed)
-
5.5
6.9
Differential
Fast channel (max speed)
-
4.6
5.6
Slow channel (max speed)
-
4
5.6
EO
Offset error
Single
ended
Fast channel (max speed)
-
2.5
4
Slow channel (max speed)
-
1.9
4
Differential
Fast channel (max speed)
-
1.8
2.8
Slow channel (max speed)
-
1.1
2.8
EG
Gain error
Single
ended
Fast channel (max speed)
-
4.6
6.6
Slow channel (max speed)
-
4.5
6.6
Differential
Fast channel (max speed)
-
3.6
4.6
Slow channel (max speed)
-
3.3
4.6
ED
Differential
linearity
error
Single
ended
Fast channel (max speed)
-
1.1
1.9
Slow channel (max speed)
-
1.3
1.9
Differential
Fast channel (max speed)
-
1.3
1.6
Slow channel (max speed)
-
1.4
1.6
EL
Integral
linearity
error
Single
ended
Fast channel (max speed)
-
2.3
3.4
Slow channel (max speed)
-
2.4
3.4
Differential
Fast channel (max speed)
-
2.1
3.2
Slow channel (max speed)
-
2.2
3.2
ENOB
Effective
number of
bits
Single
ended
Fast channel (max speed) 10.4 10.6
-
bits
Slow channel (max speed) 10.4 10.6
-
Differential
Fast channel (max speed) 10.8 10.9
-
Slow channel (max speed) 10.8 10.9
-
SINAD
Signal-to-
noise and
distortion
ratio
Single
ended
Fast channel (max speed) 64.4 65.6
-
dB
Slow channel (max speed) 64.4 65.6
-
Differential
Fast channel (max speed) 66.8 67.5
-
Slow channel (max speed) 66.8 67.5
-
SNR
Signal-to-
noise ratio
Single
ended
Fast channel (max speed)
65
66.9
-
Slow channel (max speed)
65
66.9
-
Differential
Fast channel (max speed)
67
69
-
Slow channel (max speed)
67
69
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com