Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 160 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 156Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 157Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 158Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 159Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 160Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 161Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 162Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 163Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
160/232
DS12288 Rev 1
tSETTLING
Settling time (full scale: for
a 12-bit code transition
between the lowest and the
highest input codes when
DAC_OUT reaches final
value)
VDDA<2,7V
With One comparator
on DAC output
10%-90%
-
16
88
ns
5%-95%
-
21
116
1%-99%
-
33
181
32lsb
-
40
196
1lsb
-
64
332
VDDA<2,7V
With One comparator
and OPAMP on DAC
output
10%-90%
-
24
128
5%-95%
-
32
170
1%-99%
-
49
265
32lsb
-
57
284
1lsb
-
93
483
tWAKEUP(2)
Wakeup time from off state
(setting the ENx bit in the
DAC Control register) until
final value ±1 LSB
Normal mode CL ≤ 10 pF
-
1.4
3.5
µs
PSRR
VDDA supply rejection ratio
VDD > 2.7 V
65
85
-
dB
VDD <2.7 V
40
85
-
tSAMP
Sampling time in sample
and hold mode (code
transition between the
lowest input code and the
highest input code when
DACOUT reaches final
value ±1LSB)
--
TBD
TBD
µs
CIint
Internal sample and hold
capacitor
--
4
5
pF
dV/dt (hold
phase)
Voltage decay rate in
Sample and hold mode,
during hold phase
CSH = 4 pF
T = 55°C
-
TBD
-
µV/ms
IDDA(DAC)
DAC consumption from
VDDA
No load, middle code (0x800)
-
TBD
TBD
µA
IDDV(DAC)
DAC consumption from
VREF+
No load, middle code (0x800)(3)
-
720
955
1. Guaranteed by design.
2. In buffered mode, the output can overshoot above the final value for low input code (starting from min value).
3. Worst case consumption is at code 0x800.
Table 76. DAC 15MSPS characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com