Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 158Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 159Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 160Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 161Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 162Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 163Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 164Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 165Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
162/232
DS12288 Rev 1
5.3.21
Voltage reference buffer characteristics
Table 78. VREFBUF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage
Normal mode
VRS = 00
2.4
-
3.6
V
VRS = 01
2.8
-
3.6
VRS = 10
3.135
-
3.6
Degraded mode(2)
VRS= 00
1.65
-
2.4
VRS = 01
1.65
-
2.8
VRS= 10
1.65
-
3.135
VREFBUF_
OUT
Voltage reference
output
Normal mode(3)
VRS= 00
2.044
2.048
2.052
VRS= 01
2.496
2.5
2.504
VRS = 10
2.896
2.9
2.904
Degraded mode(2)
VRS= 00
VDDA -250 mV
-
VDDA
VRS = 01
VDDA -250 mV
-
VDDA
VRS = 10
VDDA -250 mV
-
VDDA
VREFOUT_
TEMP
(3)
Voltage reference
output spread over
the temperature
range
VDDA = 3V
-
-
See
Figure 30,
Figure 31,
Figure 32
mV
TRIM
Trim step
resolution
--
±0.05
±0.1
%
CL
Load capacitor
-
0.5
1
1.5
µF
esr
Equivalent Serial
Resistor of Cload
--
-
2
Ω
Iload
Static load current
-
-
-
6.5
mA
Iline_reg(4) Line regulation
-
-
1000
2000
ppm/V
Iload_reg
Load regulation
500 μA ≤
Iload ≤4 mA
Normal
mode
-50
500
ppm/m
A
TCoeff
Temperature
coefficient
-40 °C < TJ < +125 °C
-
-
Tcoeff_vr
efint +
50(5)
ppm/ °C
0 °C < TJ < +50 °C
-
-
PSRR
Power supply
rejection
DC
40
55
-
dB
100 kHz
25
40
-
tSTART
Start-up time
CL = 0.5 µF(6)
-300
350
µs
CL = 1.1 µF(6)
-500
650
CL = 1.5 µF(6)
-650
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com