Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 168 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 164Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 165Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 166Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 167Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 168Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 169Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 170Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 171Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
168/232
DS12288 Rev 1
Rnetwork
R2/R1 internal
resistance values in
non-inverting PGA
mode(5)
PGA Gain = 2
-
10/10
-
kΩ/k
Ω
PGA Gain = 4
-
30/10
-
PGA Gain = 8
-
70/10
-
PGA Gain = 16
-
150/10
-
PGA Gain = 32
-
310/10
-
PGA Gain = 64
-
630/10
-
R2/R1 internal
resistance values in
inverting PGA mode(5)
PGA Gain = -1
-
10/10
-
PGA Gain = -3
-
30/10
-
PGA Gain = -7
-
70/10
-
PGA Gain = -15
-
150/10
-
PGA Gain = -31
-
310/10
-
PGA Gain = -63
-
630/10
-
Delta R
Resistance variation
(R1 or R2)
--15
-
+15
%
PGA BW
PGA bandwidth for
different non inverting
gain
Gain = 2
-
GBW/2
-
MHz
Gain = 4
-
GBW/4
-
Gain = 8
-
GBW/8
-
Gain = 16
-
GBW/16
-
Gain = 32
-
GBW/32
-
Gain = 64
-
GBW/64
-
PGA bandwidth for
different inverting gain
Gain = -1
-
GBW/2
-
MHz
Gain = -3
-
GBW/4
-
Gain = -7
-
GBW/8
-
Gain = -15
-
GBW/16
-
Gain = -31
-
GBW/32
-
Gain = -63
-
GBW/64
-
eN
Voltage noise density
at 1 kHz, Output loaded with 4 kΩ
-250
-
nV/√
Hz
at 10 kHz, Output loaded with 4 kΩ
-90-
IDDA(OPAMP)
OPAMP consumption
from VDDA
Normal mode
No load,
follower mode
-1.3
2.2
mA
High-speed mode
-
1.4
2.6
TS_OPAMP_VO
UT
ADC sampling time
when reading the
OPAMP output.
OPAINTOEN=1
VDDA < 2V
300
-
-
ns
VDDA ≥ 2V
200
-
-
IDDA(OPAMPI
NT)
OPAMP consumption
from VDDA.
OPAINTOEN=1
Normal mode
no load,
follower mode
-
0.45
0.7
mA
High-speed mode
-
0.5
0.8
Table 80. OPAMP characteristics(1) (2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com