Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 167Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 168Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 169Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 170Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 171Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 172Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 173Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 174Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 232 page
background image
DS12288 Rev 1
171/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
5.3.26
Timer characteristics
The parameters given in the following tables are guaranteed by design.
Refer to Section 5.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
Table 84. TIMx(1) characteristics(2)
1. TIMx, is used as a general term in which x stands for 1,2,3,4,5,6,7,8,15,16, 17 or 20.
2. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 170 MHz
6.66
-
ns
fEXT
Timer external clock
frequency on CH1 to
CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 170 MHz
0
75
MHz
ResTIM
Timer resolution
TIMx (except TIM2
and TIM5)
-16
bit
TIM2 and TIM5
-
32
tCOUNTER
16-bit counter clock
period
-
1
65536
tTIMxCLK
fTIMxCLK = 170 MHz
0.00666
436.9
µs
tMAX_COUNT
Maximum possible
count with 32-bit
counter
-
-
65536 × 65536
tTIMxCLK
fTIMxCLK = 170 MHz
-
28.63
s
fENC
Encoder frequency on
TI1 and TI2 input pins
-0
fTIMxCLK/4
MHz
fTIMxCLK = 170MHz
0
37.5
MHz
tW(INDEX)
Index pulsewidth on
ETR input
-2
-
Tck
tW(TI1, TI2)
Min pulsewidth
on TI1 and TI2 inputs
in all encoder modes
except directional
clock x1
-2
-
Tck
Min pulsewidth
on TI1 and TI2 inputs
in directional clock x1
-3
-
Tck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com