Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 181 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 177Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 178Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 179Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 180Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 181Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 182Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 183Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 184Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 232 page
background image
DS12288 Rev 1
181/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
USB characteristics
The device USB interface is fully compliant with the USB specification version 2.0 and is
USB-IF certified (for Full-speed device operation).
USART interface characteristics
Unless otherwise specified, the parameters given in Table 93 for USART are derived from
tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 93, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30 pF
•
Measurement points are done at CMOS levels: 0.5 VDD
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, CK, TX, RX for USART).
Table 92. USB electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
USB transceiver operating voltage
3.0(2)
-3.6
V
tCrystal_less USB crystal less operation temperature
-15
-
85
°C
RPUI
Embedded USB_DP pull-up value during idle
900
1250
1500
Ω
RPUR
Embedded USB_PD pull-up value during reception
1400
2300
3200
ZsDRV(3)
Output driver impedance(4)
Driving high and low
28
36
44
Ω
1. TA = -40 to 125 °C unless otherwise specified.
2. The device USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics, which are degraded in
the 2.7-to-3.0 V voltage range.
3. Guarantee by design.
4. No external termination series resistors are required on USB_PD (D+) and USB_DM (D-); the matching impedance is
already included in the embedded driver.
Table 93. USART electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock frequency
Master mode
-
-
21
MHz
Slave mode
-
-
22
tsu(NSS)
NSS setup time
Slave mode
tker + 2
-
-
ns
th(NSS)
NSS hold time
Slave mode
2
-
-
tw(CKH)
tw(CKL)
CK high and low time
Master mode
1/fck/2-1
1/fck/2
1/fck/2+1 ns
tsu(RX)
Data input setup time
Master mode
tker + 2
-
-
ns
Slave mode
2
-
-
th(RX)
Data input hold time
Master mode
1
-
-
Slave mode
0.5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com