Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 184 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 180Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 181Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 182Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 183Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 184Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 185Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 186Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 187Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
184/232
DS12288 Rev 1
Table 94. Asynchronous non-multiplexed SRAM/PSRAM/NOR read timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
3 THCLK– 0.5
3THCLK+ 1
ns
tv(NOE_NE)
FMC_NEx low to FMC_NOE low
0
1
tw(NOE)
FMC_NOE low time
2 THCLK– 0.5
2 THCLK+ 1
th(NE_NOE)
FMC_NOE high to FMC_NE high hold time
THCLK
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
2
th(A_NOE)
Address hold time after FMC_NOE high
2 THCLK– 1
-
tsu(Data_NE)
Data to FMC_NEx high setup time
THCLK + 20
-
tsu(Data_NOE)
Data to FMC_NOEx high setup time
20
-
th(Data_NOE)
Data hold time after FMC_NOE high
0
-
th(Data_NE)
Data hold time after FMC_NEx high
0
-
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
-
1.5
tw(NADV)
FMC_NADV low time
-
THCLK+ 8
Table 95. Asynchronous non-multiplexed SRAM/PSRAM/NOR read-NWAIT
timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
-
8 THCLK + 1
ns
tw(NOE)
FMC_NWE low time
7 THCLK - 1 7 THCLK + 0.5
tw(NWAIT)
FMC_NWAIT low time
THCLK
-
tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high
5 THCLK + 17
-
th(NE_NWAIT) FMC_NEx hold time after FMC_NWAIT invalid 4 THCLK + 17
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com