Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 198 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 194Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 195Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 196Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 197Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 198Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 199Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 200Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 201Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
198/232
DS12288 Rev 1
Figure 50. NAND controller waveforms for common memory write access
Table 106. Switching characteristics for NAND Flash read cycles(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
Tw(N0E)
FMC_NOE low width
4 THCLK - 1
4 THCLK
ns
Tsu(D-NOE)
FMC_D[15-0] valid data before FMC_NOE high
19
-
Th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE high
0
-
Td(NCE-NOE) FMC_NCE valid before FMC_NOE low
-
3 THCLK
Th(NOE-ALE)
FMC_NOE high to FMC_ALE invalid
3 THCLK
-
Table 107. Switching characteristics for NAND Flash write cycles(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
Tw(NWE)
FMC_NWE low width
4 THCLK -1
4 THCLK
ns
Tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
0
-
Th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
3 THCLK - 1
-
Td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
5 THCLK
-
Td(NCE_NWE)
FMC_NCE valid before FMC_NWE low
-
3 THCLK
Th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
3 THCLK
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com