Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474CBH6 Datasheet(PDF) 199 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 195Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 196Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 197Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 198Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 199Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 200Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 201Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 202Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 232 page
background image
DS12288 Rev 1
199/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
5.3.29
QUADSPI characteristics
Unless otherwise specified, the parameters given in Table 108 and Table 109 for Quad SPI
are derived from tests performed under the ambient temperature, fAHB frequency and VDD
supply voltage conditions summarized in Table 17: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 15 or 20 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 108. Quad SPI characteristics in SDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(QCK)
Quad SPI clock
frequency
1.71 < VDD< 3.6 V,
CLOAD = 15 pF
Voltage Range 1
--
50
MHz
1.71 < VDD< 3.6 V,
CLOAD = 20 pF
Voltage Range 2
--
110
tw(CKH) Quad SPI clock high
and low time
Even division
PRESCALER [7:0]
n =0,1, 3, 5 ...
t(CK)/2-0.5
-
t(CK)/2+1
ns
tw(CKL)
t(CK)/2-1
-
t(CK)/2+0.5
tw(CKH) Quad SPI clock high
and low time
Odd division
PRESCALER [7:0]
n =2,4, 6, 8...
(n/2)*t(CK)/(n+1) - 0.5
-
(n/2)*t(CK)/(n+1) + 1
tw(CKL)
(n/2+1)*t(CK)/(n+1) - 1
-
(n/2+1)*t(CK)/(n+1) +0.5
ts(IN)
Data input setup time 1.71 < VDD< 3.6 V
1
-
-
th(IN)
Data input hold time
1.71 < VDD< 3.6 V
5
-
-
tv(OUT)
Data output valid
time
1.71 < VDD< 3.6 V
-
1
1.5
th(OUT) Data output hold time 1.71 < VDD< 3.6 V
0.5
-
-
1. Guaranteed by characterization results.
Table 109. QUADSPI characteristics in DDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(QCK)
Quad SPI clock
frequency
1.71 < VDD< 3.6 V,
CLOAD = 15 pF
Voltage Range 1
--
50
MHz
1.71 < VDD< 3.6 V,
CLOAD = 20 pF
Voltage Range 2
--
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com