| Electronic Components Datasheet Search |
|
STM32G474XC Datasheet(PDF) 155 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474XC Datasheet(HTML) 155 Page - STMicroelectronics |
|
155 / 232 page ![]() DS12288 Rev 1 155/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 5.3.20 Digital-to-Analog converter characteristics Table 74. DAC 1MSPS characteristics(1) Symbol Parameter Conditions Min Typ Max Unit VDDA Analog supply voltage for DAC ON DAC output buffer OFF, DAC_OUT pin not connected (internal connection only) 1.71 - 3.6 V Other modes 1.80 - VREF+ Positive reference voltage DAC output buffer OFF, DAC_OUT pin not connected (internal connection only) 1.71 - VDDA Other modes 1.80 - VREF- Negative reference voltage - VSSA RL Resistive load DAC output buffer ON connected to VSSA 5- - kΩ connected to VDDA 25 - - RO Output Impedance DAC output buffer OFF 9.6 11.7 13.8 kΩ RBON Output impedance sample and hold mode, output buffer ON VDD = 2.7 V - - 2 kΩ VDD = 2.0 V - - 3.5 RBOFF Output impedance sample and hold mode, output buffer OFF VDD = 2.7 V - - 16.5 kΩ VDD = 2.0 V - - 18.0 CL Capacitive load DAC output buffer ON - - 50 pF CSH Sample and hold mode - 0.1 1 µF VDAC_OUT Voltage on DAC_OUT output DAC output buffer ON 0.2 - VREF+ – 0.2 V DAC output buffer OFF 0 - VREF+ tSETTLING Settling time (full scale: for a 12-bit code transition between the lowest and the highest input codes when DAC_OUT reaches final value) Normal mode DAC output buffer ON CL ≤ 50 pF, RL ≥ 5 kΩ ±0.5 LSB - 1.7 3 µs ±1 LSB - 1.6 2.9 ±2 LSB - 1.55 2.85 ±4 LSB - 1.48 2.8 ±8 LSB - 1.4 2.75 Normal mode DAC output buffer OFF, ±1LSB, CL = 10 pF -2 2.5 tWAKEUP(2) Wakeup time from off state (setting the ENx bit in the DAC Control register) until final value ±1 LSB Normal mode DAC output buffer ON CL ≤ 50 pF, RL ≥ 5 kΩ -4.2 7.5 µs Normal mode DAC output buffer OFF, CL ≤ 10 pF -2 5 PSRR VDDA supply rejection ratio Normal mode DAC output buffer ON CL ≤ 50 pF, RL = 5 kΩ, DC --80 -28 dB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |