| Electronic Components Datasheet Search |
|
STM32G474XC Datasheet(PDF) 159 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474XC Datasheet(HTML) 159 Page - STMicroelectronics |
|
159 / 232 page ![]() DS12288 Rev 1 159/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 SINAD Signal-to-noise and distortion ratio DAC output buffer ON CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz -70.4 - dB DAC output buffer OFF CL ≤ 50 pF, no RL, 1 kHz -71- ENOB Effective number of bits DAC output buffer ON CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz -11.4- bits DAC output buffer OFF CL ≤ 50 pF, no RL, 1 kHz -11.5- 1. Guaranteed by design. 2. Difference between two consecutive codes - 1 LSB. 3. Difference between measured value at Code i and the value at Code i on a line drawn between Code 0 and last Code 4095. 4. Difference between the value measured at Code (0x001) and the ideal value. 5. Difference between ideal slope of the transfer function and measured slope computed from code 0x000 and 0xFFF when buffer is OFF, and from code giving 0.2 V and (VREF+ – 0.2) V when buffer is ON. Table 75. DAC 1MSPS accuracy(1) (continued) Symbol Parameter Conditions Min Typ Max Unit Table 76. DAC 15MSPS characteristics(1) Symbol Parameter Conditions Min Typ Max Unit VDDA Analog supply voltage for DAC ON - 1.71 - 3.6 V VREF+ Positive reference voltage - 1.71 - VDDA VREF- Negative reference voltage - VSSA VDAC_OUT Voltage on DAC_OUT output -0 - VREF+ V tSETTLING Settling time (full scale: for a 12-bit code transition between the lowest and the highest input codes when DAC_OUT reaches final value) VDDA>2,7V With One comparator on DAC output 10%-90% - 16 22 ns 5%-95% - 21 29 1%-99% - 33 46 32lsb - 40 53 1lsb - 64 87 VDDA>2,7V With One comparator and OPAMP on DAC output 10%-90% - 24 32 5%-95% - 32 43 1%-99% - 49 67 32lsb - 57 75 1lsb - 93 125 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |