Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPB56721AF Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # DSPB56721AF
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56721AF Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button DSPB56721AF Datasheet HTML 32Page - Freescale Semiconductor, Inc DSPB56721AF Datasheet HTML 33Page - Freescale Semiconductor, Inc DSPB56721AF Datasheet HTML 34Page - Freescale Semiconductor, Inc DSPB56721AF Datasheet HTML 35Page - Freescale Semiconductor, Inc DSPB56721AF Datasheet HTML 36Page - Freescale Semiconductor, Inc DSPB56721AF Datasheet HTML 37Page - Freescale Semiconductor, Inc DSPB56721AF Datasheet HTML 38Page - Freescale Semiconductor, Inc DSPB56721AF Datasheet HTML 39Page - Freescale Semiconductor, Inc DSPB56721AF Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
36
320
Write data strobe assertion width
7
HACK write assertion width
–
13.2
–
ns
321
Write data strobe deassertion width
7
HACK write deassertion width
• after ICR, CVR and “Last Data Register” writes
4
2
× T
C + 6.6
16.6
–
ns
• after IVR writes, or
• after TXH:TXM writes (with HBE=0), or
• after TXL:TXM writes (with HBE=1)
–16.5
–
322
HAS assertion width
–
9.9
–
ns
323
HAS deassertion to data strobe assertion
8
–0.0
–
ns
324
Host data input setup time before write data strobe deassertion
7
Host data input setup time before HACK write deassertion
–9.9
–
ns
325
Host data input hold time after write data strobe deassertion
7
Host data input hold time after HACK write deassertion
–3.3
–
ns
326
Read data strobe assertion to output data active from high impedance
3
HACK read assertion to output data active from high impedance
–3.3
–
ns
327
Read data strobe assertion to output data valid
3
HACK read assertion to output data valid
––
24.2
ns
328
Read data strobe deassertion to output data high impedance
3
HACK read deassertion to output data high impedance
––
9.9
ns
329
Output data hold time after read data strobe deassertion
3
Output data hold time after HACK read deassertion
–3.3
–
ns
330
HCS assertion to read data strobe deassertion
3
TC + 9.9
14.9
–
ns
331
HCS assertion to write data strobe deassertion
7
–9.9
–
ns
332
HCS assertion to output data valid
–
–
19.1
ns
333
HCS hold time after data strobe deassertion
8
–0.0
–
ns
334
Address (AD7–AD0) setup time before HAS deassertion (HMUX=1)
–
4.7
–
ns
335
Address (AD7–AD0) hold time after HAS deassertion (HMUX=1)
–
3.3
–
ns
336
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W setup time before data
strobe assertion
8
•Read
–0
–
ns
• Write
–4.7
–
337
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W hold time after data strobe
deassertion
8
–3.3
–
ns
338
Delay from read data strobe deassertion to
host request assertion for “Last Data Register” read
3, 4, 9
TC
5.0
–
ns
Table 18. HDI24 Timing Parameters (Continued)
No.
Characteristics
2
Expression
200 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com