Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GFCSSPM1.24 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GFCSSPM1.24
Description  OSLON® SSL 120
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GFCSSPM1.24 Datasheet(HTML) 1 Page - OSRAM GmbH

  GFCSSPM1.24 Datasheet HTML 1Page - OSRAM GmbH GFCSSPM1.24 Datasheet HTML 2Page - OSRAM GmbH GFCSSPM1.24 Datasheet HTML 3Page - OSRAM GmbH GFCSSPM1.24 Datasheet HTML 4Page - OSRAM GmbH GFCSSPM1.24 Datasheet HTML 5Page - OSRAM GmbH GFCSSPM1.24 Datasheet HTML 6Page - OSRAM GmbH GFCSSPM1.24 Datasheet HTML 7Page - OSRAM GmbH GFCSSPM1.24 Datasheet HTML 8Page - OSRAM GmbH GFCSSPM1.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
GF CSSPM1.24
1 Version 1.15 | 2019-04-09
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GF CSSPM1.24
OSLON® SSL 120
New, higher performing OSLON SSL family LED with
well known superior robustness, high reliability, long
lifetime, low thermal resistance. Perfectly addressing
applications demanding for high efficiency and long
lifetime requirement.
—
Architecture
—
Horticulture Lighting
Features:
—
Package: SMT ceramic package with silicone lens
—
Typ. Radiation: 120° (Lambertian emitter)
—
Corrosion Robustness Class: 3B
—
Lumen maintenance: Test results according to IESNA LM-80 available
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
—
Radiant Flux: typ. 383 mW
—
Radiant Efficiency: typ. 56 %


Similar Part No. - GFCSSPM1.24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GFCSSPM1.24 OSRAM-GFCSSPM1.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - GFCSSPM1.24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
OSLON SSL 150
GHCSSPM1.24 OSRAM-GHCSSPM1.24 Datasheet
1Mb / 22P
OSLON SSL 120
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
GTCSSPM1.13 OSRAM-GTCSSPM1.13 Datasheet
2Mb / 22P
OSLON SSL 120
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
OSLON SSL 150
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
OSLON SSL 150
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
OSLON SSL 150
GACSSPM1.23 OSRAM-GACSSPM1.23 Datasheet
1Mb / 22P
OSLON SSL 120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com