Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP102 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP102
Description  PHOTO-IC Intelligent Power Module Signal Isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP102 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP102 Datasheet HTML 1Page - Toshiba Semiconductor TLP102 Datasheet HTML 2Page - Toshiba Semiconductor TLP102 Datasheet HTML 3Page - Toshiba Semiconductor TLP102 Datasheet HTML 4Page - Toshiba Semiconductor TLP102 Datasheet HTML 5Page - Toshiba Semiconductor TLP102 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP102
2005-04-22
4
Switching Characteristics
(Unless otherwise specified, Ta = -40~85
°C,VCC = 4.5~20 V.)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation Delay Time
to Logic HIGH Output
tpLH
IF = 5→0 mA, CL = 100 pF
VCC = 20 V
50
250
400
ns
Propagation Delay Time
to Logic LOW Output
tpHL
IF = 0→5 mA, CL = 100 pF
VCC = 20 V
50
270
400
ns
Switching Time Dispersion
between ON and OFF
|tpHL-
tpLH|
CL = 100 pF
―
―
350
ns
Output Rise Time
tr
IF = 5→0 mA, VCC = 20 V
―
175
―
ns
Output Fall Time
tf
7
IF = 0→5 mA, VCC = 20 V
―
95
―
ns
Propagation Delay Time
to Logic HIGH Output
tpLH
IF = 5→0 mA
50
―
400
ns
Propagation Delay Time
to Logic LOW Output
tpHL
8
IF = 0→5 mA
50
―
400
ns
Common-Mode Transient
Immunity at HIGH Level
Output
CMH
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 20 V, Ta = 25
°C
10000
―
―
V/us
Common-Mode Transient
Immunity at LOW Level
Output
CML
9
VCM = 1000 Vp-p, IF = 5 mA,
VCC = 20 V, Ta = 25
°C
-10000
―
―
V/us
*All typical values are at Ta = 25
°C.
TEST CIRCUIT 1 : VOL
TEST CIRCUIT 2 : VOH
TEST CIRCUIT 3 : ICCL
TEST CIRCUIT 4 : ICCH
TEST CIRCUIT 5 : IOSL
TEST CIRCUIT 6 : IOSH
VCC
IF
→
↑
VCC
GND
SHIELD
0.1uF
VOL
1
3
6
5
4
V
IOL
↑
VCC
GND
SHIELD
VCC
1
3
6
5
4
ICCH
A
ICCL
VCC
1
6
VCC
GND
SHIELD
3
5
4
A
↑
→
IF
VCC
GND
SHIELD
0.1uF
VOH
VCC
1
3
6
5
4
V
IOH
↑
IF
→
↑
VCC
GND
SHIELD
0.1uF
VO
1
3
6
5
4
IOSL
A
VCC
VCC
VCC
GND
SHIELD
0.1uF
1
3
6
5
4
IOSH
A
VO



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com